Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9148GQU Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9148GQU
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9148GQU Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9148GQU Datasheet HTML 3Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 4Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 5Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 6Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 7Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 8Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 9Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 10Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9148/9
7
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Slew Rate
Time (50ns/Div)
VINA+
(5V/Div)
Unity Gain, VINA+ = 4V to 8V,
VS+ = 16V, VS− = 0V, f = 10kHz
VOUTA
(5V/Div)
Rising
Slew Rate
Time (50ns/Div)
Unity Gain, VINA+ = 8V to 4V,
VS+ = 16V, VS− = 0V, f = 10kHz
VINA+
(5V/Div)
VOUTA
(5V/Div)
Falling
−−−−−3dB Bandwidth
Unity Gain, VINA+ = 8V, VS+ = 16V,
VS− = 0V, RL = 10k
Ω, CL = 10pF
Gain Bandwidth Product
Unity Gain, VINA+ = 8V, VS+ = 16V,
VS− = 0V, RL = 10k
Ω, CL = 10pF
Large Signal Response
Time (2.5
μs/Div)
Unity Gain, VINA+ = 6V to 10V,
VS+ = 16V, VS− = 0V, f = 100kHz
VINA+_ac
coupled
(2V/Div)
VOUTA_ac
coupled
(2V/Div)
Small Signal Response
Time (2.5
μs/Div)
VINA+_ac
coupled
(100mV/Div)
Unity Gain, VINA+ = 7.9V to 8.1V,
VS+ = 16V, VS− = 0V, f = 100kHz
VOUTA_ac
coupled
(100mV/Div)


Similar Part No. - RT9148GQU

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146ZQW RICHTEK-RT9146ZQW Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146ZQWA RICHTEK-RT9146ZQWA Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9148GQU

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com