Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9148GQU Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9148GQU
Description  20V, 350mA, Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9148GQU Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9148GQU Datasheet HTML 1Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 2Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 3Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 4Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 5Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 6Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 7Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 8Page - Richtek Technology Corporation RT9148GQU Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9148/9
4
DS9148/9-04
October 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Voltage, VS
= 0V, VS+----------------------------------------------------------------------------------------- 6V to 20V
Junction Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, (VS+ to VS
−) ------------------------------------------------------------------------------------------- 24V
VINx+, VINx
− to VS− ------------------------------------------------------------------------------------------------------- −0.3V to 24V
VINx+ to VINx
− -------------------------------------------------------------------------------------------------------------- ±5V
Power Dissipation, PD @ TA = 25
°C
WDFN-6L 2x2 ---------------------------------------------------------------------------------------------------------------- 2.1W
TSOT-23-5 --------------------------------------------------------------------------------------------------------------------- 0.43W
UDFN-6L 2x2 ----------------------------------------------------------------------------------------------------------------- 2.09W
WDFN-8L 3x3 ---------------------------------------------------------------------------------------------------------------- 3.22W
Package Thermal Resistance (Note 2)
WDFN-6L 2x2,
θJA ----------------------------------------------------------------------------------------------------------- 47.5°C/W
TSOT-23-5,
θJA --------------------------------------------------------------------------------------------------------------- 230.6°C/W
UDFN-6L 2x2,
θJA------------------------------------------------------------------------------------------------------------ 47.7°C/W
WDFN-8L 3x3,
θJA ----------------------------------------------------------------------------------------------------------- 31°C/W
WDFN-8L 3x3,
θJC----------------------------------------------------------------------------------------------------------- 8°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------------ 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------- 200V
(VS+ = 16V, VS
− = 0V, VINx+ = VOUTx = VS+ / 2, RL = 10kΩ and CL = 10pF, TA = 25°C, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = VS+ / 2
--
2
15
mV
Input Bias Current
IB
VCM = VS+ / 2
--
2
50
nA
IL = 0 to 80mA
--
0.1
--
Load Regulation
VLOAD
IL = 0 to 80mA
--
0.1
--
mV/mA
Common Mode Input
Range
CMIR
0.5
--
VS+
0.5
V
Common Mode Rejection
Ratio
CMRR
0.5V
 VOUTx  VS+  0.5V
--
95
--
dB
Open Loop Gain
AVOL
0.5V
 VOUTx  VS+  0.5V
--
118
--
dB


Similar Part No. - RT9148GQU

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146ZQW RICHTEK-RT9146ZQW Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146ZQWA RICHTEK-RT9146ZQWA Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9148GQU

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com