Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC420AJE-TR13 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC420AJE-TR13
Description  High-Speed, Voltage Feedback Op Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC420AJE-TR13 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC420AJE-TR13 Datasheet HTML 2Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 3Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 4Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 5Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 6Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 7Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 8Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 9Page - National Semiconductor (TI) CLC420AJE-TR13 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Notes
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - CLC420AJE-TR13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC423 NSC-CLC423 Datasheet
131Kb / 8P
   Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
logo
National Semiconductor ...
CLC425A8B NSC-CLC425A8B Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
More results

Similar Description - CLC420AJE-TR13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
   HIGH SPEED/VOLTAGE OP AMP
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6609 900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130 Datasheet
341Kb / 5P
   ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com