Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4813AGQUF Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4813AGQUF
Description  High Efficiency Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4813AGQUF Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4813AGQUF Datasheet HTML 1Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 2Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 3Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT4813AGQUF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT4813A
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4813A-00
April
2016
4
Absolute Maximum Ratings
(Note 1)
VIN, VINA to GND-----------------------------------------------------------------------------------------------------
0.2V to 6V
VOUT to GND ----------------------------------------------------------------------------------------------------------
6V
Power Dissipation, PD @ TA = 25C
UQFN-9L 2x2 (FC)----------------------------------------------------------------------------------------------------
0.89W
Package Thermal Resistance
(Note 2)
UQFN-9L 2x2 (FC),
JA----------------------------------------------------------------------------------------------111.5C/W
UQFN-9L 2x2 (FC),
JC----------------------------------------------------------------------------------------------19.6 C/W
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------------
260C
Junction Temperature ------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ---------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) -----------------------------------------------------------------------------------------
2kV
MM (Machine Model) -------------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions
(Note 4)
Input Voltage Range--------------------------------------------------------------------------------------------------
1.8V to 5.5V
Output Voltage Range -----------------------------------------------------------------------------------------------
1.8V to 5.5V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 3.6V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under Voltage Lockout
Rising Threshold
VUVLOR
1.6
1.7
1.8
V
Under Voltage Lockout
Falling Threshold
VUVLOF
1.5
1.6
1.7
V
FB Voltage
VFB
CCM
0.495
0.5
0.505
V
VOUT Voltage (I2C)
VOUT
CCM
1
0
1
%
Shutdown Current
ISHDN
EN = 0V,
--
0.1
2
A
Quiescent Current
Close loop, no load
--
120
--
A
Pre-Charge Current
IPre
--
1
--
A
Switching Frequency
fSW
VOUT  VIN > 1V, CCM
--
0.5
--
MHz
Valley Current Limit
IOC
--
6
--
A
High Side Switch RON
VIN = VINA = 5V
--
43
55
m
Low Side Switch RON
VIN = VINA = 5V
--
26
35
m
FB Pin Input Leakage
IFB
1
--
1
A
Leakage of SW
ISW
--
--
5
A


Similar Part No. - RT4813AGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
RT4813GQUF RICHTEK-RT4813GQUF Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
More results

Similar Description - RT4813AGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
   High Efficiency 2.5W Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
uPI Group Inc.
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
   High Efficiency Synchronous Rectifier Boost Converter
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
   High Efficiency Synchronous Rectifier Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com