Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2528GSP Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT2528GSP
Description  Power Switch with Adjustable Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2528GSP Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT2528GSP Datasheet HTML 4Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 5Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 6Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 7Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 8Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 9Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 10Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 11Page - Richtek Technology Corporation RT2528GSP Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT2528
8
DS2528-03 November 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Limit Threshold vs. (VIN - VOUT)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
0
200
400
600
800
1000
VIN - VOUT (mV)
VIN = 5.5V, RILIM = 13k
Ω
Current Limit Threshold vs. (VIN - VOUT)
0
50
100
150
200
250
300
350
400
450
500
550
600
0
200
400
600
800
1000
VIN - VOUT (mV)
VIN = 5.5V, RILIM = 49.9k
Ω
From 0A to Short Circuit
Time (2.5ms/Div)
Short Circuit Protection
VOUT
(5V/Div)
IIN
(1A/Div)
FAULT
(5V/Div)
VIN = 5V, COUT = 150
μF, RILIM = 13kΩ
Time (2.5ms/Div)
Short Circuit Protection
VOUT
(5V/Div)
IIN
(1A/Div)
FAULT
(5V/Div)
VIN = 5V, COUT = 150
μF, RILIM = 13kΩ
From Short Circuit to 0A


Similar Part No. - RT2528GSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
logo
Adam Technologies, Inc.
RT25 ADAM-TECH-RT25 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT25 ADAM-TECH-RT25 Datasheet
156Kb / 2P
   RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
122Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT25 VISHAY-RT25 Datasheet
104Kb / 4P
   Wirewound Rheostat / Potentiometer
01-Jan-2022
More results

Similar Description - RT2528GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com