Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZB4Z100AB10R01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # TZB4Z100AB10R01
Description  Can be reflow and flow
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZB4Z100AB10R01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TZB4Z100AB10R01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZB4Z100AB10R01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZB4Z100AB10R01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
TZB4Z100AB10R01
Appearance & Shape
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
R01
330mm Embossed Tape
2500
Features
1. Miniature rectangular shape:
4.0(W)x4.5(L)x3.0(H)mm.
2. Color coded case facilitates identification of capacitance range.
3. Designed for automatic placement in surface mount applications.
4. Designed to withstand flux baths and solder baths
(with cover film type).
5. Can be temporarily attached to PCB with adhesives
(Terminal style A and B).
6. Can be reflow and flow (with cover film type)
soldering method.
7. Stable characteristics over a wide frequency range.
(Resonant frequency: 1000MHz min. / 6pF)
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/14


Similar Part No. - TZB4Z100AB10R01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4Z100AB10R01 MURATA1-TZB4Z100AB10R01 Datasheet
273Kb / 3P
   Miniature rectangular shape: 4.0(W)x4.5(L)x3.0(H)mm.
Last updated06/17/2022
TZB4Z100AB10R01 MURATA1-TZB4Z100AB10R01_V01 Datasheet
273Kb / 3P
   Miniature rectangular shape: 4.0(W)x4.5(L)x3.0(H)mm.
Last updated06/17/2022
More results

Similar Description - TZB4Z100AB10R01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4Z030AA10R00 MURATA-TZB4Z030AA10R00 Datasheet
195Kb / 3P
   Can be reflow and flow
TZB4Z030AB10B00 MURATA-TZB4Z030AB10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z030AB10R01 MURATA-TZB4Z030AB10R01 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z060AA10R00 MURATA-TZB4Z060AA10R00 Datasheet
197Kb / 3P
   Can be reflow and flow
TZB4Z060BA10R00 MURATA-TZB4Z060BA10R00 Datasheet
201Kb / 3P
   Can be reflow and flow
TZB4Z250AB10B00 MURATA-TZB4Z250AB10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z250BA10B00 MURATA-TZB4Z250BA10B00 Datasheet
190Kb / 3P
   Can be reflow and flow
TZB4Z060AB10R01 MURATA-TZB4Z060AB10R01 Datasheet
200Kb / 3P
   Can be reflow and flow
TZB4Z060BB10R01 MURATA-TZB4Z060BB10R01 Datasheet
197Kb / 3P
   Can be reflow and flow
TZB4Z250AA10B00 MURATA-TZB4Z250AA10B00 Datasheet
191Kb / 3P
   Can be reflow and flow
TZB4Z250BB10B00 MURATA-TZB4Z250BB10B00 Datasheet
190Kb / 3P
   Can be reflow and flow
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com