Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39202B9484P810 Datasheet(PDF) 7 Page - TDK Electronics

Part No. B39202B9484P810
Description  SAW Components SAW filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9484P810 Datasheet(HTML) 7 Page - TDK Electronics

  B39202B9484P810 Datasheet HTML 1Page - TDK Electronics B39202B9484P810 Datasheet HTML 2Page - TDK Electronics B39202B9484P810 Datasheet HTML 3Page - TDK Electronics B39202B9484P810 Datasheet HTML 4Page - TDK Electronics B39202B9484P810 Datasheet HTML 5Page - TDK Electronics B39202B9484P810 Datasheet HTML 6Page - TDK Electronics B39202B9484P810 Datasheet HTML 7Page - TDK Electronics B39202B9484P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Aug, 28, 2012
B9484
2017.5 MHz
SAW Components
SAW Filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2012. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.
Type
B9484
Ordering code
B39202B9484P810
Marking and package
C61157-A8-A14
Packaging
F61074-V8237-Z000
Date codes
L_1126
S-parameters
B9484_NB.s3p, B9484_WB.s3p
see file header for port/pin assignment table
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm


Similar Part No. - B39202B9484P810

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B39202B9409K610 EPCOS-B39202B9409K610 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
B39202B9414M410 EPCOS-B39202B9414M410 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
TDK Electronics
TDK Electronics
B39202B9414M410 TDK-B39202B9414M410 Datasheet
94Kb / 8P
   SAW Components SAW Tx Filter
EPCOS
EPCOS
B39202B9453P810 EPCOS-B39202B9453P810 Datasheet
97Kb / 8P
   SAW Filter Low-Loss Filter for TD-SCDMA
TDK Electronics
TDK Electronics
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
More results

Similar Description - B39202B9484P810

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
B39171B3881Z710 TDK-B39171B3881Z710 Datasheet
107Kb / 8P
   SAW Components SAW filter
B39232B3920U510 TDK-B39232B3920U510 Datasheet
112Kb / 9P
   SAW Components SAW filter
B39311B3714U410 TDK-B39311B3714U410 Datasheet
81Kb / 7P
   SAW Components SAW filter
B39431B3760Z810 TDK-B39431B3760Z810 Datasheet
108Kb / 10P
   SAW Components SAW filter
B39431B3774Z810 TDK-B39431B3774Z810 Datasheet
118Kb / 10P
   SAW Components SAW filter
B39431B3936H110 TDK-B39431B3936H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39711B4337P810 TDK-B39711B4337P810 Datasheet
97Kb / 8P
   SAW Components SAW filter
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
B39212B3669U410 TDK-B39212B3669U410 Datasheet
106Kb / 8P
   SAW Components SAW filter
B39232B9496P810 TDK-B39232B9496P810 Datasheet
183Kb / 8P
   SAW Components SAW Filter
B39242B9498P810 TDK-B39242B9498P810 Datasheet
200Kb / 8P
   SAW Components SAW Filter
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz