Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39202B9484P810 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39202B9484P810
Description  SAW Components SAW filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9484P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39202B9484P810 Datasheet HTML 1Page - TDK Electronics B39202B9484P810 Datasheet HTML 2Page - TDK Electronics B39202B9484P810 Datasheet HTML 3Page - TDK Electronics B39202B9484P810 Datasheet HTML 4Page - TDK Electronics B39202B9484P810 Datasheet HTML 5Page - TDK Electronics B39202B9484P810 Datasheet HTML 6Page - TDK Electronics B39202B9484P810 Datasheet HTML 7Page - TDK Electronics B39202B9484P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Aug, 28, 2012
B9484
2017.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
50 1)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power at
2010.0...2025.0MHz
PIN
10
dBm
continuous wave


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn