Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39202B9484P810 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39202B9484P810
Description  SAW Components SAW filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9484P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39202B9484P810 Datasheet HTML 1Page - TDK Electronics B39202B9484P810 Datasheet HTML 2Page - TDK Electronics B39202B9484P810 Datasheet HTML 3Page - TDK Electronics B39202B9484P810 Datasheet HTML 4Page - TDK Electronics B39202B9484P810 Datasheet HTML 5Page - TDK Electronics B39202B9484P810 Datasheet HTML 6Page - TDK Electronics B39202B9484P810 Datasheet HTML 7Page - TDK Electronics B39202B9484P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Aug, 28, 2012
B9484
2017.5 MHz
SAW Components
SAW Filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL = 100 Ω
min.
typ.
@ 25˚C
max.
Center frequency
fC
2017.5
MHz
Maximum insertion attenuation
α
max
2010.0 ... 2025.0
MHz
1.3
2.5
dB
Amplitude ripple (p-p)
∆α
2010.0 ... 2025.0
MHz
0.2
1.0
dB
Input VSWR
2010.0 ... 2025.0
MHz
1.3
2.0
Output VSWR
2010.0 ... 2025.0
MHz
1.4
2.0
CMRR (|S21-S31| / |S21+S31|)
2010.0 ... 2025.0
MHz
22
30
dB
Attenuation
α
0.1 ... 1815.0
MHz
35
49
dB
1815.0 ... 1840.0
MHz
35
45
dB
1840.0 ... 1895.0
MHz
20
36
dB
1925.0 ... 1980.0
MHz
16
21
dB
2050.0 ... 2085.0
MHz
8
10
dB
2085.0 ... 2110.0
MHz
21
24
dB
2110.0 ... 6000.0
MHz
24
28
dB


Similar Part No. - B39202B9484P810

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B39202B9409K610 EPCOS-B39202B9409K610 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
B39202B9414M410 EPCOS-B39202B9414M410 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
TDK Electronics
TDK Electronics
B39202B9414M410 TDK-B39202B9414M410 Datasheet
94Kb / 8P
   SAW Components SAW Tx Filter
EPCOS
EPCOS
B39202B9453P810 EPCOS-B39202B9453P810 Datasheet
97Kb / 8P
   SAW Filter Low-Loss Filter for TD-SCDMA
TDK Electronics
TDK Electronics
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
More results

Similar Description - B39202B9484P810

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
B39171B3881Z710 TDK-B39171B3881Z710 Datasheet
107Kb / 8P
   SAW Components SAW filter
B39232B3920U510 TDK-B39232B3920U510 Datasheet
112Kb / 9P
   SAW Components SAW filter
B39311B3714U410 TDK-B39311B3714U410 Datasheet
81Kb / 7P
   SAW Components SAW filter
B39431B3760Z810 TDK-B39431B3760Z810 Datasheet
108Kb / 10P
   SAW Components SAW filter
B39431B3774Z810 TDK-B39431B3774Z810 Datasheet
118Kb / 10P
   SAW Components SAW filter
B39431B3936H110 TDK-B39431B3936H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39711B4337P810 TDK-B39711B4337P810 Datasheet
97Kb / 8P
   SAW Components SAW filter
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
B39212B3669U410 TDK-B39212B3669U410 Datasheet
106Kb / 8P
   SAW Components SAW filter
B39232B9496P810 TDK-B39232B9496P810 Datasheet
183Kb / 8P
   SAW Components SAW Filter
B39242B9498P810 TDK-B39242B9498P810 Datasheet
200Kb / 8P
   SAW Components SAW Filter
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz