Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39202B9484P810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39202B9484P810
Description  SAW Components SAW filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9484P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39202B9484P810 Datasheet HTML 1Page - TDK Electronics B39202B9484P810 Datasheet HTML 2Page - TDK Electronics B39202B9484P810 Datasheet HTML 3Page - TDK Electronics B39202B9484P810 Datasheet HTML 4Page - TDK Electronics B39202B9484P810 Datasheet HTML 5Page - TDK Electronics B39202B9484P810 Datasheet HTML 6Page - TDK Electronics B39202B9484P810 Datasheet HTML 7Page - TDK Electronics B39202B9484P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Aug, 28, 2012
B9484
2017.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Features
s
Package size 1.4 x 1.1 mm2
s
Max. package height 0.45 mm
s
RoHS compatible
s
Approx. weight 0.003g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
1.4
4
5
2
3
0.25
0.5
0.5
bottom view
side view
top view
4
5
3
2
Application
s
Low-loss RF filter for mobile telephone TD-SCDMA
systems
s
Impedance transformation from 50
Ω tο 100 Ω
s
Unbalanced to balanced operation
s
Low amplitude ripple
s
Usable passband 15 MHz
s
Suitable for GPRS class
1 tο 12
Pin configuration
s
1
Input, unbalanced
s
3,4
Output, balanced
s
2,5
Case-ground


Similar Part No. - B39202B9484P810

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B39202B9409K610 EPCOS-B39202B9409K610 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1950.0 MHz
B39202B9414M410 EPCOS-B39202B9414M410 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
TDK Electronics
TDK Electronics
B39202B9414M410 TDK-B39202B9414M410 Datasheet
94Kb / 8P
   SAW Components SAW Tx Filter
EPCOS
EPCOS
B39202B9453P810 EPCOS-B39202B9453P810 Datasheet
97Kb / 8P
   SAW Filter Low-Loss Filter for TD-SCDMA
TDK Electronics
TDK Electronics
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
More results

Similar Description - B39202B9484P810

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
B39171B3881Z710 TDK-B39171B3881Z710 Datasheet
107Kb / 8P
   SAW Components SAW filter
B39232B3920U510 TDK-B39232B3920U510 Datasheet
112Kb / 9P
   SAW Components SAW filter
B39311B3714U410 TDK-B39311B3714U410 Datasheet
81Kb / 7P
   SAW Components SAW filter
B39431B3760Z810 TDK-B39431B3760Z810 Datasheet
108Kb / 10P
   SAW Components SAW filter
B39431B3774Z810 TDK-B39431B3774Z810 Datasheet
118Kb / 10P
   SAW Components SAW filter
B39431B3936H110 TDK-B39431B3936H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39711B4337P810 TDK-B39711B4337P810 Datasheet
97Kb / 8P
   SAW Components SAW filter
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
B39212B3669U410 TDK-B39212B3669U410 Datasheet
106Kb / 8P
   SAW Components SAW filter
B39232B9496P810 TDK-B39232B9496P810 Datasheet
183Kb / 8P
   SAW Components SAW Filter
B39242B9498P810 TDK-B39242B9498P810 Datasheet
200Kb / 8P
   SAW Components SAW Filter
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz