Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9477P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39202B9477P810
Description  SAW Components SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9477P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39202B9477P810 Datasheet HTML 1Page - TDK Electronics B39202B9477P810 Datasheet HTML 2Page - TDK Electronics B39202B9477P810 Datasheet HTML 3Page - TDK Electronics B39202B9477P810 Datasheet HTML 4Page - TDK Electronics B39202B9477P810 Datasheet HTML 5Page - TDK Electronics B39202B9477P810 Datasheet HTML 6Page - TDK Electronics B39202B9477P810 Datasheet HTML 7Page - TDK Electronics B39202B9477P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
August 16, 2012
B9477
1960.0 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL =50 Ω (unbalanced)
B9477
min.
typ.
@ 25˚C
max.
Center frequency
fC
-
1960.0
-
MHz
Maximum insertion attenuation
α
max
1930.6
... 1989.4
MHz
-
2.6
4.2 1)
1) 4.0dB for T= 0...85˚C
dB
Amplitude ripple (p-p)
∆α
1930.6
... 1989.4
MHz
-
1.1
2.6
dB
Input return loss
1930.6
... 1989.4
MHz
-
1.8
2.3
Output return loss
1930.6
... 1989.4
MHz
-
2.0
2.4
Attenuation
α
DC
... 1500.0
MHz
43
51
-
dB
1500.0
... 1907.0
MHz
43
48
-
dB
1907.0
... 1909.4
MHz
432)
2) 18dB for T= 100˚C
513)
3) 49dB for T= 100˚C
-
dB
2040.0
... 2070.0
MHz
35
55
-
dB
2070.0
... 2500.0
MHz
35
46
-
dB
2500.0
... 4500.0
MHz
31
37
-
dB
4500.0
... 5200.0
MHz
31
36
-
dB
5200.0
... 6000.0
MHz
22
30
-
dB


Similar Part No. - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B9477P810 EPCOS-B39202B9477P810 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
More results

Similar Description - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
   SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
   SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
   SAW Components SAW filter
B39451B3737H110 TDK-B39451B3737H110 Datasheet
126Kb / 11P
   SAW Components SAW filter
B39262B8804P810 TDK-B39262B8804P810 Datasheet
119Kb / 8P
   SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
   SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com