Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWI18-5-E Datasheet(PDF) 1 Page - CUI INC

Part # SWI18-5-E
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI18-5-E Datasheet(HTML) 1 Page - CUI INC

  SWI18-5-E Datasheet HTML 1Page - CUI INC SWI18-5-E Datasheet HTML 2Page - CUI INC SWI18-5-E Datasheet HTML 3Page - CUI INC SWI18-5-E Datasheet HTML 4Page - CUI INC SWI18-5-E Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 05/18/2016
page 1 of 5
SERIES: SWI18-E
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI18-5-E
5
3
15
100
VI
SWI18-9-E
9
2.2
19.8
100
VI
SWI18-12-E
12
1.6
19.2
120
VI
SWI18-24-E
24
0.8
19.2
240
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand10μFlowESRelectrolyticcapacitors.
FEATURES
• up to 18 W continuous power
• DOE Level VI, CEC, ErP Stage 2
• no load power consumption < 0.1 W
• compact size
• universal input voltage range
• over voltage, over current, and short circuit protections
•CEsafetyapprovals
PART NUMBER KEY
Base Number
ReservedforCustom
Configurations
SWI18 - XX - E - XXX - CXX
DCPlugType:
XXX = See output plug options
on page 4 for more details
ST = Stripped and Tinned
Output Voltage
ACInputType:
Europe
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI18-5-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI18-5-E CUI-SWI18-5-E Datasheet
488Kb / 5P
   AC-DC POWER SUPPLY
11/27/2020
More results

Similar Description - SWI18-5-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com