Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX165900DT-8025A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DPX165900DT-8025A1
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX165900DT-8025A1 Datasheet(HTML) 3 Page - TDK Electronics

  DPX165900DT-8025A1 Datasheet HTML 1Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 2Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 3Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 4Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 5Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 6Page - TDK Electronics DPX165900DT-8025A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / rf_dpx_dpx165900dt-8025a1_en.fm
20150701 / rf_dpx_dpx165900dt-8025a1_en.fm
DPX165900DT-8025A1
ELECTRICAL CHARACTERISTICS
LOW-BAND
・Ta: +25±5°C
HIGH-BAND
・Ta: +25±5°C
COMMON
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
2400 to 2500
0.36
0.60
Attenuation (dB)
4800 to 5000
18
23.4
7200 to 7500
18
25.9
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
5100 to 5900
0.83
1.40
Attenuation (dB)
1800 to 2500
20
30.8
3700 to 3900
20
29.5
9800 to 11900
10
26.2
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Return Loss (dB)
2400 to 2500
9.54
22.1
5100 to 5900
8.09
11.6
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DPX165900DT-8025A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165900DT-8125A1 TDK-DPX165900DT-8125A1 Datasheet
94Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX165900DT-8025A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX202750DT-4058A1 TDK-DPX202750DT-4058A1 Datasheet
76Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com