Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC425 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC425
Description  Ultra Low Noise Wideband Op Amp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC425 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC425 Datasheet HTML 1Page - National Semiconductor (TI) CLC425 Datasheet HTML 2Page - National Semiconductor (TI) CLC425 Datasheet HTML 3Page - National Semiconductor (TI) CLC425 Datasheet HTML 4Page - National Semiconductor (TI) CLC425 Datasheet HTML 5Page - National Semiconductor (TI) CLC425 Datasheet HTML 6Page - National Semiconductor (TI) CLC425 Datasheet HTML 7Page - National Semiconductor (TI) CLC425 Datasheet HTML 8Page - National Semiconductor (TI) CLC425 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Introduction
The CLC425 is a very wide gain-bandwidth, ultra-low
noise voltage feedback operational amplifier which en-
ables application areas such as medical diagnostic ultra-
sound, magnetic tape & disk storage and fiber-optics to
achieve maximum high-frequency signal-to-noise ratios.
The set of characteristic plots located in the "Typical
Performance" section illustrates many of the perfor-
mance trade-offs. The following discussion will enable
the proper selection of external components in order to
achieve optimum device performance.
Bias Current Cancellation
In order to cancel the bias current errors of the non-
inverting configuration, the parallel combination of the
gain-setting (Rg) and feedback (Rf) resistors should equal
the equivalent source resistance (Rs
eq) as defined in
Figure 1. Combining this constraint with the non-invert-
ing gain equation also seen in Figure 1, allows both Rf
and Rg to be determined explicitly from the following
equations: Rf=AvRs
eq and Rg=Rf/(Av-1). When driven from
a 0
Ω source, such as that from the output of an op amp,
the non-inverting input of the CLC425 should be isolated
with at least a 25
Ω series resistor.
As seen in Figure 2, bias current cancellation is accom-
plished for the inverting configuration by placing a resis-
tor (Rb) on the non-inverting input equal in value to the
resistance seen by the inverting input (Rf||(Rg+Rs)). Rb is
recommended to be no less than 25
Ω for best CLC425
performance. The additional noise contribution of Rb can
be minimized through the use of a shunt capacitor.
4
16 4
21
25
kT
e
Joules
C
=−
°
.
@
Rf
3
2
4
7
6
Rg
0.1
µF
0.1
µF
6.8
µF
6.8
µF
-Vcc
+Vcc
Vout
RT
Rs
eq = Rs || RT
Rf
Rg
Av = 1 +
Vs
Vin
Rs
CLC425
Rf
Rg
CLC425
Rs
eq
en
in+
in-
√4kTRg
√4kTRf
√4kTRs
eq
Total Input Noise vs. Source Resistance
In order to determine maximum signal-to-noise ratios
from the CLC425, an understanding of the interaction
between the amplifier's intrinsic noise sources and the
noise arising from its external resistors is necessary.
Figure 3 describes the noise model for the non-inverting
amplifier configuration showing all noise sources. In
addition to the intrinsic input voltage noise (en) and
current noise (in=in+=in-) sources, there also exists ther-
mal voltage noise (e
4TR
t =
k
) associated with each of
the external resistors. Equation 1 provides the general
form for total equivalent input voltage noise density (eni).
Equation 2 is a simplification of Equation 1 that assumes
Rf||Rg = Rs
eq
for bias current cancellation. Figure 4
illustrates the equivalent noise model using this as-
sumption. Figure 5 is a plot of eni against equivalent
source resistance (Rs
eq) with all of the contributing volt-
age noise sources of Equation 2 shown. This plot gives
the expected eni for a given Rs
eq which assumes Rf||Rg =
Rs
eq for bias current cancellation. The total equivalent
output voltage noise (eno) is eni
∗A
v.
Equation 1: General Noise Equation
e
e
i
R
kTR
i
R
R
kT R
R
ni
n
n
ss
n
f
g
f
g
eq
eq
=+
() ++ ()
() + ()
+−
2
2
2
44
||
||
Figure 3: Non-inverting Amplifer Noise Model
Figure 1: Non-inverting Amplifier Configuration
Figure 4: Noise Model with R
f||Rg = Rseq
Rf
3
2
4
7
6
Rg
0.1
µF
0.1
µF
6.8
µF
6.8
µF
-Vcc
+Vcc
Vout
Vs
Vin
Rb
Rs
Av = -
Rf
Rg
CLC425
en
Av
2Rs
eq
√4kT2Rs
eq
in
√2
Equation 2: Noise Equation with Rf||Rg = Rs
eq
e
e
i R
kT
R
ni
n
n
s
s
eq
eq
=+
() + ()
2
2
24
2
Figure 2: Inverting Amplifier Configuration
5
http://www.national.com


Similar Part No. - CLC425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
CLC425A8B ROCHESTER-CLC425A8B Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
CLC425A8L2 ROCHESTER-CLC425A8L2 Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
CLC425AIB ROCHESTER-CLC425AIB Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
More results

Similar Description - CLC425

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com