Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTH214XT1 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTH214XT1
Description  AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH214XT1 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTH214XT1 Datasheet HTML 1Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 2Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 3Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 4Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 5Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 6Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 7Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 8Page - CT Micro International Corporation CTH214XT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 2
Jun, 2015
CTH214 Series
AC Input 4-Pin Half Pitch Mini-Flat
Phototransistor Optocoupler
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
3750
VRMS
PTOT
Total power dissipation
200
mW
TOPR
Operating temperature
-55 ~ +110
oC
TSTG
Storage temperature
-55 ~ +150
oC
TSOL
Soldering temperature
260
oC
Emitter
IF
Forward current
±50
mA
IF(TRANS)
Peak transient current
(≤1µs P.W,300pps)
1
A
PD
Emitter power dissipation
70
mW
Detector
PD
Detector power dissipation
150
mW
BVCEO
Collector-Emitter Breakdown Voltage
80
V
BVECO
Emitter-Collector Breakdown Voltage
6
V
IC
Collector Current
50
mA


Similar Part No. - CTH214XT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
More results

Similar Description - CTH214XT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
logo
CT Micro International ...
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
   DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
Vishay Siliconix
VOS627A VISHAY-VOS627A_14 Datasheet
155Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, SSOP-4, Half Pitch, Mini-Flat Package
Rev. 1.4, 08-Jan-14
VOS627A VISHAY-VOS627A_V01 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2022
VOS627A VISHAY-VOS627A_V02 Datasheet
153Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
logo
CT Micro International ...
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
   DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
   DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com