Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B580K Datasheet(PDF) 4 Page - Comchip Technology

Part # TV06B580K
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B580K Datasheet(HTML) 4 Page - Comchip Technology

  TV06B580K Datasheet HTML 1Page - Comchip Technology TV06B580K Datasheet HTML 2Page - Comchip Technology TV06B580K Datasheet HTML 3Page - Comchip Technology TV06B580K Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0211011A
Page 4
Note:
1) Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
Part No.
V RWM
V BR Min V BR Ma x
IT
IFSM
IR @ V RWM
( V )
( V )
( V )
( mA ) (A) @ 8.3m S
( V )
Ipp(A)
( uA )
UNI
BI
TV06B480K(B)
48.00
53.3
67.5
1
100
85.5
7.0
5
MW
CW
TV06B480J(B)
48.00
53.3
61.3
1
100
77.4
7.7
5
MX
CX
TV06B510K(B)
51.00
56.7
71.8
1
100
91.1
6.6
5
MY
CY
TV06B510J(B)
51.00
56.7
65.2
1
100
82.4
7.3
5
MZ
CZ
TV06B540K(B)
54.00
60.0
76.0
1
100
96.3
6.2
5
ND
DD
TV06B540J(B)
54.00
60.0
69.0
1
100
87.1
6.9
5
NE
DE
TV06B580K(B)
58.00
64.4
81.6
1
100
103.0
5.8
5
NF
DF
TV06B580J(B)
58.00
64.4
74.1
1
100
93.6
6.4
5
NG
DG
TV06B600K(B)
60.00
66.7
84.5
1
100
107.0
5.6
5
NH
DH
TV06B600J(B)
60.00
66.7
76.7
1
100
96.8
6.2
5
NK
DK
TV06B640K(B)
64.00
71.1
90.1
1
100
114.0
5.3
5
NL
DL
TV06B640J(B)
64.00
71.1
81.8
1
100
103.0
5.8
5
NM
DM
TV06B700K(B)
70.00
77.8
98.6
1
100
125.0
4.8
5
NN
DN
TV06B700J(B)
70.00
77.8
89.5
1
100
113.0
5.3
5
NP
DP
TV06B750K(B)
75.00
83.3
105.7
1
100
134.0
4.5
5
NQ
DQ
TV06B750J(B)
75.00
83.3
95.8
1
100
121.0
4.9
5
NR
DR
TV06B780K(B)
78.00
86.7
109.8
1
100
139.0
4.3
5
NS
DS
TV06B780J(B)
78.00
86.7
99.7
1
100
126.0
4.7
5
NT
DT
TV06B850K(B)
85.00
94.4
119.2
1
100
151.0
3.9
5
NU
DU
TV06B850J(B)
85.00
94.4
108.2
1
100
137.0
4.4
5
NV
DV
TV06B900K(B)
90.00
100.0
126.5
1
100
160.0
3.8
5
NW
DW
TV06B900J(B)
90.00
100.0
115.5
1
100
146.0
4.1
5
NX
DX
TV06B101K(B)
100.00
111.0
141.0
1
100
179.0
3.4
5
NY
DY
TV06B101J(B)
100.00
111.0
128.0
1
100
162.0
3.7
5
NZ
DZ
TV06B111K(B)
110.00
122.0
154.5
1
100
196.0
3.0
5
PD
ED
TV06B111J(B)
110.00
122.0
140.5
1
100
177.0
3.4
5
PE
EE
TV06B121K(B)
120.00
133.0
169.0
1
100
214.0
2.8
5
PF
EF
TV06B121J(B)
120.00
133.0
153.0
1
100
193.0
3.1
5
PG
EG
TV06B131K(B)
130.00
144.0
182.5
1
100
231.0
2.6
5
PH
EH
TV06B131J(B)
130.00
144.0
165.5
1
100
209.0
2.9
5
PK
EK
TV06B151K(B)
150.00
167.0
211.5
1
100
268.0
2.2
5
PL
EL
TV06B151J(B)
150.00
167.0
192.5
1
100
243.0
2.5
5
PM
EM
TV06B161K(B)
160.00
178.0
226.0
1
100
287.0
2.1
5
PN
EN
TV06B161J(B)
160.00
178.0
205.0
1
100
259.0
2.3
5
PP
EP
TV06B171K(B)
170.00
189.0
239.5
1
100
304.0
2.0
5
PQ
EQ
TV06B171J(B)
170.00
189.0
217.5
1
100
275.0
2.2
5
PR
ER
Max Vc
Marking Code
Absolute Maxim um Rating (Ta=25 C)
Electrical Characteristics (Ta=25 C)


Similar Part No. - TV06B580K

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B580K(B)-G COMCHIP-TV06B580K(B)-G Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B580K

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com