Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCCEA075U240-00 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCEA075U240-00
Description  75W Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCEA075U240-00 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCEA075U240-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCEA075U240-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCEA075U240-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. LCCEA075U240-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
● EMI: Meets FCC / Meets CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 5 years @ T.C < 75 ℃ (refer to LinkCom warranty policy)
WITHSTAND VOLTAGE
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
Meets UL 8750
< 1 s at Full Load 100 - 277 Vac
INPUT FREQUENCY
● RoHS Compliant
88.0%
±5%
89.0%
0.48 V
±5%
89.0%
±5%
O/P NOISE(P-P,V)
75W Power Supply
Constant Current Mode
LCCEA075U360-00
FEATURES:
75-LCCEA Series
-40℃ ~ +80℃
10% to +90%, non-cond.
EMI
STORAGE TEMP.
RELATIVE HUMIDITY
ACTIVE POWER FACTOR
OVER VOLTAGE PROTECTION
SAFETY
LEAKAGE CURRENT
OVER TEMP. PROTECTION
TURN ON DELAY TIME
OVER CURRENT PROTECTION
1.6
75
LCCEA075U320-00
AC CURRENT
Range: 47 - 63 Hz, Normal: 50 - 60 Hz
36~48
28-36
32~42
1.8
±5%
75
0.42 V
88.0%
DC OUTPUT
POWER(W)
EFFICIENCY
2.1
DC OUTPUT
VOLTAGE(V)
OUTPUT
CURRENT(A)
OUTPUT
CURRENT
TOLERANCE
75
18-24
THD
< 20 % at Full Load 100 - 277 Vac
INPUT VOLTAGE RANGE
120% ~ 160% rated output power ; Hiccup mode
(6) 100% Production Tested.
> 0.9 @ Full Load 100-277 Vac
ISOLATION RESISTANCE
DIMENSION (L*W*H)
Cold Start 65 A @ 230 Vac
< 0.75 mA
-30℃ ~ +55 ℃ @ Full Load 100 - 277 Vac
INRUSH CURRENT (typ)
SCP and OVP will restart automatically after the fault condition is removed
0.24 V
Meets FCC Part15 / Meets EN 55015
OPERATING TEMP.
SHORT CIRCUIT PROTECTION
(5) Minimum load is NOT required for proper operation .
I/P-O/P:3.75 kVac, O/P-Grnd:0.5 kVac, I/P-Grnd:1.88 kVac
I/P-O/P, I/P-FG,O/P-FG: 100M Ω / 500 Vdc / 25℃ / 70% RH
232 * 46.5 * 31 mm【9.13 * 1.83 * 1.22 inch】
(4) Specified for free-air convection cooling.
shut down and latch off o/p voltage , re-power on to recover
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
*REFERENCE: www.linkcom.com.tw
● Built-in Active Power Factor Correction
● Protection: SCP / OVP / OTP
3.2
LCCEA075U480-00
MODEL
LCCEA075U240-00
0.36 V
PRODUCT SPECIFICATION
ELECTRICAL SPECIFICATION
1 A / 100 Vac 0.3 A / 277 Vac
● AC Input 100~277 Vac Nominal
(1) All parameters specified at 230 Vac input unless otherwise noted.
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk at 20MHz bandwidth.
● High Operating Ambient Temp.: -30 ℃ ~ +55 ℃
● Surge Protection: L-N 6 kV
● Safety: Meets UL 8750
75
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - LCCEA075U240-00

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCEA075U240 LINKCOM-LCCEA075U240 Datasheet
493Kb / 5P
   Power Supply
More results

Similar Description - LCCEA075U240-00

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
NED-75 MEANWELL-NED-75_11 Datasheet
383Kb / 2P
   75W Dual Output Switching Power Supply
CEN-75 MEANWELL-CEN-75 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
NET-75 MEANWELL-NET-75 Datasheet
383Kb / 2P
   75W Triple Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com