Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8441 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8441
Description  Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8441 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8441 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8441 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8441 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8441 010U1000
305 MT
12.247 KG
BLACK
2 #22 PVC SH PVC
8441 010U500
152 MT
6.350 KG
BLACK
2 #22 PVC SH PVC
8441 010100
30 MT
1.497 KG
BLACK
2 #22 PVC SH PVC
8441 0101000
305 MT
12.247 KG
BLACK
C
2 #22 PVC SH PVC
8441 010500
152 MT
6.350 KG
BLACK
C
2 #22 PVC SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 07-03-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8441 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 8441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8441 PHOENIX-8441 Datasheet
305Kb / 18P
   AXL E PN DI8 DO8 M12 6M
logo
Belden Inc.
8441 BELDEN-8441 Datasheet
169Kb / 2P
   Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-010100 BELDEN-8441-010100 Datasheet
169Kb / 2P
   Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-0101000 BELDEN-8441-0101000 Datasheet
169Kb / 2P
   Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-010500 BELDEN-8441-010500 Datasheet
169Kb / 2P
   Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1503A ETC2-1503A Datasheet
24Kb / 3P
   22 AWG stranded (7x30) TC conductors, PVC insulation, twisted pair, overall Beldfoil shield
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1347719 ETC2-1347719 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polyethylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
82723 ETC2-82723 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1345992 ETC2-1345992 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com