Electronic Components Datasheet Search |
|
LCCE-017U351-00 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd. |
|
LCCE-017U351-00 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd. |
1 / 3 page ● EMI: FCC / CE ● Comply with Indoor/Outdoor Waterproof (IP 67) ● Warranty: 5 years (refer to LinkCom warranty policy) LCCE-017U701-00 16.8 19-24 0.7 3.5 2.8 18 16.8 *REFERENCE: www.linkcom.com.tw ● Safety: UL / PSE 80% ±10% 0.5 ±10% 80% 2.8 2.8 ±10% 80% 3.5 80% 3 NA 2.8 ±10% 80% 9-12 LCCE-017U501-00 3000 ms at full load 115 Vac / 230 Vac 0.4 A / 110 Vac Cold Start 5 A @ 230 Vac The power will derate on the current limit. 80% ELECTRICAL SPECIFICATION 11-15 1.2 ±10% 0.35 WITHSTAND VOLTAGE LCCE-017U351-00 LCCE-017U122-00 STORAGE TEMP. LEAKAGE CURRENT OVER TEMP. PROTECTION OVER VOLTAGE PROTECTION TURN ON DELAY TIME DIMENSION (L*W*H) 15W LED Power Supply Constant Current Mode 15-LCCE Series OUTPUT CURRENT TOLERANCE ● RoHS Compliant PRODUCT SPECIFICATION DC OUTPUT POWER(W) OUTPUT CURRENT(A) MODEL DC OUTPUT VOLTAGE(V) 18 30-36 38-48 EFFICIENCY ±10% 80% 80% 80% 80% ±10% 80% 80% 80% NA 90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac ±10% ±10% 14-20 > 0.95 @ 115 Vac / > 0.9 @ 230 Vac at Full Load and Rated Output Voltage SCP will restart automatically after the fault condition is removed The OVP is latched shutdown mode. 2.8 Range: 47-63 Hz, Normal: 50-60 Hz FCC Part 15, EN 55015 I/P-O/P: 4.242 kVdc, I/P-CASE: 4 kVdc I/P-O/P: 100M Ω / 500 Vdc / 25℃ / 70% RH 90 * 40 * 25 mm【3.74 * 1.57 * 0.98 inch】 *Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information ISOLATION RESISTANCE (5) Minimum load is NOT required for proper operation . (4) Specified for free-air convection cooling. (6) 100% Production Tested. OVER CURRENT PROTECTION SHORT CIRCUIT PROTECTION ACTIVE POWER FACTOR THD (2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load. (1) All parameters specified at 230 Vac input unless otherwise noted. EMI (3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1 uF bypass and 47 uF electrolytic, pk-pk at 20 MHz bandwidth. -20 ℃ ~ +60 ℃ 13-18 16 14.4 16.2 14-20 0.8 1.05 18.9 16 LCCE-015U501-00 LCCE-015U721-00 LCCE-017U142-00 0.72 24-32 1.35 ● Power Factor: > 0.95 @ 115 Vac / > 0.9 @ 230 Vac 80% 3 0.5 0.35 1.05 0.8 ±10% 0.5 O/P NOISE(P-P,V) FEATURES: ● Protection: SCP / OVP / OTP ● High Operating Ambient Temp.: -20 ℃ ~ +60 ℃ ● Surge Protection: L-N 1 kV LCCE-013U112-00 LCCE-013U721-00 9-12 13-18 2.8 2.8 LCCE-013U501-00 ● AC Input 90~305 Vac Nominal ● AC Inrush current: 5 A @ 230 Vac Cold start LCCE-017U801-00 LCCE-017U112-00 -40 ℃ ~ +80 ℃ 12.96 12 12.6 LCCE-013U351-00 10% to +90%, non-cond. UL 60950-1, PSE OPERATING TEMP. RELATIVE HUMIDITY SAFETY INPUT VOLTAGE RANGE INPUT FREQUENCY AC CURRENT INRUSH CURRENT (typ) < 0.7 mA / 264 Vac LCCE-015U112-00 LCCE-015U801-00 ±10% 15.75 14.4 11-15 13-18 ±10% 12.6 1.05 0.72 80% ±10% ±10% ±10% 2.8 2.8 2.8 2.8 19-24 30-36 2.8 LCCE-013U142-00 11.2 5-8 1.4 ±10% 74% www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw Linkcom Manufacturing Co., Ltd. 5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw |
Similar Part No. - LCCE-017U351-00 |
|
Similar Description - LCCE-017U351-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |