Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSF-75-C Datasheet(PDF) 4 Page - CUI INC

Part # PSF-75-C
Description  AC-DC POWER SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75-C Datasheet(HTML) 4 Page - CUI INC

  PSF-75-C Datasheet HTML 1Page - CUI INC PSF-75-C Datasheet HTML 2Page - CUI INC PSF-75-C Datasheet HTML 3Page - CUI INC PSF-75-C Datasheet HTML 4Page - CUI INC PSF-75-C Datasheet HTML 5Page - CUI INC PSF-75-C Datasheet HTML 6Page - CUI INC PSF-75-C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 12/12/2014
page 4 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
units: mm
units: mm
CNF
OPEN FRAME
CN1 Pin Connections
PIN
Function
1
AC/L
2
AC/N
3
FG ⏚
4
-Vo1
5
+Vo1
6
+Vo2 (+ BAT)
71
-Vo2 (- BAT)
82
+Vo3 (+5 V)
CN1 Pin Connections
PIN
Function
1
AC/L
2
AC/N
3
FG ⏚
4
-Vo1
5
+Vo1
6
+Vo2 (+ BAT)
71
-Vo2 (- BAT)
82
+Vo3 (+5 V)
CN2 Pin Connections
PIN
Function
PSF-75-A, PSF-75-C3
1
AC OK
2
BAT LOW
3
PSF-75-A: (13.8 V/20 mA)
PSF-75-C: (27.6 V/20 mA)
PSF-75-B, PSF-75-D4
1 2
AC OK
3 4
BAT LOW
CN2 Pin Connections
PIN
Function
PSF-75-A, PSF-75-C3
1
AC OK
2
BAT LOW
3
PSF-75-A: (13.8 V/20 mA)
PSF-75-C: (27.6 V/20 mA)
PSF-75-B, PSF-75-D4
1 2
AC OK
3 4
BAT LOW
Notes:
1. To protect product damage do not connect the GND port with -BAT port.
2. PSF-75-B and PSF-75-D only.
3. For PSF-75-A & PSF-75-C, CN2 mates with JST XHP-3 or equivalent
and JST SXH-001 T-P0.6 or equivalent.
4. For PSF-75-B & PSF-75-D, CN2 mates with JST XHP-4 or equivalent
and JST SXH-001 T-P0.6 or equivalent.
For more information, please visit the product page.


Similar Part No. - PSF-75-C

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSF-100 CUI-PSF-100 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-A CUI-PSF-100-A Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-B CUI-PSF-100-B Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-C CUI-PSF-100-C Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-D CUI-PSF-100-D Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
More results

Similar Description - PSF-75-C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com