Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120050UB Datasheet(PDF) 5 Page - CUI INC

Part No. EPSA120050UB
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120050UB Datasheet(HTML) 5 Page - CUI INC

  EPSA120050UB Datasheet HTML 1Page - CUI INC EPSA120050UB Datasheet HTML 2Page - CUI INC EPSA120050UB Datasheet HTML 3Page - CUI INC EPSA120050UB Datasheet HTML 4Page - CUI INC EPSA120050UB Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
date
08/21/2012 │ page 5 of 5
CUI Inc
│ SERIES: 6 W WALL PLUG - UK BLADE │ DESCRIPTION: AC-DC POWER SUPPLY
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
02/01/2010
1.01
updated output plug options
11/11/2010
1.02
updated inrush current, protection data, and output plug options
12/09/2010
1.03
new template applied
01/24/2012
1.04
updated P7/P7R B dimension
03/14/2012
1.05
V-Infinity branding removed, safety and EMI/EMC data updated
08/21/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EPSA120050UB

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
EPSA120050UB CUI-EPSA120050UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120050UB CUI-EPSA120050UB Datasheet
354Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EPSA120050UB

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
List of Unclassifed Manufacturers
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
   AC/DC Power Supply
CUI INC
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VMS-160-5 CUI-VMS-160-5_11 Datasheet
330Kb / 5P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
   AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
   AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
   AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
   AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
   AC-DC POWER SUPPLY
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz