Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120050UB Datasheet(PDF) 3 Page - CUI INC

Part No. EPSA120050UB
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120050UB Datasheet(HTML) 3 Page - CUI INC

  EPSA120050UB Datasheet HTML 1Page - CUI INC EPSA120050UB Datasheet HTML 2Page - CUI INC EPSA120050UB Datasheet HTML 3Page - CUI INC EPSA120050UB Datasheet HTML 4Page - CUI INC EPSA120050UB Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
08/21/2012 │ page 3 of 5
CUI Inc
│ SERIES: 6 W WALL PLUG - UK BLADE │ DESCRIPTION: AC-DC POWER SUPPLY
cord length
MODEL NO.
CABLE GAUGE
CORD LENGTH
EPSA050120UB
22 AWG
1,530 mm +50/-30
EPSA120050UB
24 AWG
1,530 mm +50/-30
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.953 x 1.968 x 1.457 (75 x 50 x 37 mm)
inch
input plug
fixed UK
MECHANICAL DRAWING
75.0 2.953
1.0
37.0 1.457
1.0
50.0 1.968
1.0
units: mm[inch]
DC CORD
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn