Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZB4P400AB10R00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TZB4P400AB10R00
Description  Stable characteristics over a wide frequency range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZB4P400AB10R00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TZB4P400AB10R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZB4P400AB10R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZB4P400AB10R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
TZB4P400AB10R00
Specifications
Shape
SMD
Operating Temperature Range
-
25
to
85
Thickness
3mm
Thickness Tolerance
±0.2
Rated Voltage
100Vdc
Cmin.(max.)
8.5pF
Cmax.
40pF
Adjustment Direction
Top
Soldering Method
Reflow
Soldering Iron
TC
N1200±500ppm/
Q
300min. at 1MHz, Cmax
Withstanding Voltage
220Vdc
Insulation Resistance(min.)
10000MΩ
Torque
1.5 to 9.8mNm
Stator/Case Color
Yellow
Mass
0.15g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/13


Similar Part No. - TZB4P400AB10R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4P400AB10R00 MURATA1-TZB4P400AB10R00 Datasheet
254Kb / 3P
   Miniature rectangular shape: 4.0(W)x4.5(L)x3.0(H)mm
Last updated06/17/2022
TZB4P400AB10R00 MURATA1-TZB4P400AB10R00_V01 Datasheet
254Kb / 3P
   Miniature rectangular shape: 4.0(W)x4.5(L)x3.0(H)mm
Last updated06/17/2022
More results

Similar Description - TZB4P400AB10R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZB4R200AA10R00 MURATA-TZB4R200AA10R00 Datasheet
198Kb / 3P
   Stable characteristics over a wide frequency range
TZB4R200BA10R01 MURATA-TZB4R200BA10R01 Datasheet
197Kb / 3P
   Stable characteristics over a wide frequency range
TZB4R500AA10R00 MURATA-TZB4R500AA10R00 Datasheet
198Kb / 3P
   Stable characteristics over a wide frequency range
TZB4P300AB10R01 MURATA-TZB4P300AB10R01 Datasheet
192Kb / 3P
   Stable characteristics over a wide frequency range
TZB4R200BA10B00 MURATA-TZB4R200BA10B00 Datasheet
199Kb / 3P
   Stable characteristics over a wide frequency range
TZB4R200BB10R00 MURATA-TZB4R200BB10R00 Datasheet
199Kb / 3P
   Stable characteristics over a wide frequency range
TZB4P400BA10R00 MURATA-TZB4P400BA10R00 Datasheet
191Kb / 3P
   Stable characteristics over a wide frequency range
TZB4P400BA10B00 MURATA-TZB4P400BA10B00 Datasheet
191Kb / 3P
   Stable characteristics over a wide frequency range
TZB4P400BA10R01 MURATA-TZB4P400BA10R01 Datasheet
194Kb / 3P
   Stable characteristics over a wide frequency range
TZB4R500AA10B00 MURATA-TZB4R500AA10B00 Datasheet
202Kb / 3P
   Stable characteristics over a wide frequency range
TZB4P300BA10B00 MURATA-TZB4P300BA10B00 Datasheet
191Kb / 3P
   Stable characteristics over a wide frequency range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com