Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD30011BR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD30011BR
Description  3.00 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD30011BR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD30011BR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD30011BR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD30011BR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121750
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.00 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD30011A (Common Cathode)
LD30011B (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 76mm(3inch), External Dimensions:
70.0x110.0x13.0mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD30011AR
LD30011BR
GaAlAs
Super Red
640
36
45
12
15
LD30011AD
LD30011BD
GaAlAs
Hi-Red
640
81
112.5
27
37.5
LD30011AO
LD30011BO
GaAsP
Orange
625
31.5
40.5
10.5
13.5
LD30011AY
LD30011BY
GaAsP
Yellow
588
36
45
12
15
LD30011AG
LD30011BG
GaP
Green
568
31.5
40.5
10.5
13.5
LD30011AUR
LD30011BUR
AlGaInP
Ultra Red
640
135
202.5
45
67.5
LD30011AUO
LD30011BUO
AlGaInP
Ultra Orange
625
202.5
270
67.5
90
LD30011AUA
LD30011BUA
AlGaInP
Ultra Amber
605
135
202.5
45
67.5
LD30011AUY
LD30011BUY
AlGaInP
Ultra Yellow
595
135
202.5
45
67.5
LD30011AUG
LD30011BUG
AlGaInP
Ultra Green
573
135
202.5
45
67.5
LD30011APG
LD30011BPG
InGaN
Pure Green
525
540
1350
180
450
LD30011AUB
LD30011BUB
InGaN
Ultra Blue
470
135
202.5
45
67.5
LD30011AUW
LD30011BUW
SMD
Ultra White
\
450
540
150
180
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD30011BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30011BRG LIGHTKEY-LD30011BRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD30011BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com