Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39431B3774Z810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39431B3774Z810
Description  SAW Components SAW filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39431B3774Z810 Datasheet(HTML) 2 Page - TDK Electronics

  B39431B3774Z810 Datasheet HTML 1Page - TDK Electronics B39431B3774Z810 Datasheet HTML 2Page - TDK Electronics B39431B3774Z810 Datasheet HTML 3Page - TDK Electronics B39431B3774Z810 Datasheet HTML 4Page - TDK Electronics B39431B3774Z810 Datasheet HTML 5Page - TDK Electronics B39431B3774Z810 Datasheet HTML 6Page - TDK Electronics B39431B3774Z810 Datasheet HTML 7Page - TDK Electronics B39431B3774Z810 Datasheet HTML 8Page - TDK Electronics B39431B3774Z810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
December 20, 2012
B3774
433.92 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Application
s
Low-loss RF filter for remote control receivers
s
Balanced and unbalanced operation possible
Features
s
Package size 3.8 x 3.8 x 1.5 mm3
s
Package code QCC8B
s
RoHS compatible
s
Approximate weight 0.07 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer Elpas
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration1)
s
1
Input ground (recommended) or input
s
2
Input (recommended) or input ground
s
5
Output (recommended) or output ground
s
6
Output ground (recommended) or output
s
4,8
Case - ground
s
3,7
To be grounded
1) The recommended pin configuration usually offers best
suppression of electrical crosstalk. The filter characteris-
tics refer to this configuration.


Similar Part No. - B39431B3774Z810

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B39431B3774Z810 EPCOS-B39431B3774Z810 Datasheet
88Kb / 9P
   SAW filter 433.92 MHz
More results

Similar Description - B39431B3774Z810

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
B39171B3881Z710 TDK-B39171B3881Z710 Datasheet
107Kb / 8P
   SAW Components SAW filter
B39232B3920U510 TDK-B39232B3920U510 Datasheet
112Kb / 9P
   SAW Components SAW filter
B39311B3714U410 TDK-B39311B3714U410 Datasheet
81Kb / 7P
   SAW Components SAW filter
B39431B3760Z810 TDK-B39431B3760Z810 Datasheet
108Kb / 10P
   SAW Components SAW filter
B39431B3936H110 TDK-B39431B3936H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39711B4337P810 TDK-B39711B4337P810 Datasheet
97Kb / 8P
   SAW Components SAW filter
B39202B9453P810 TDK-B39202B9453P810 Datasheet
114Kb / 8P
   SAW Components SAW Filter
B39212B3669U410 TDK-B39212B3669U410 Datasheet
106Kb / 8P
   SAW Components SAW filter
B39232B9496P810 TDK-B39232B9496P810 Datasheet
183Kb / 8P
   SAW Components SAW Filter
B39242B9498P810 TDK-B39242B9498P810 Datasheet
200Kb / 8P
   SAW Components SAW Filter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com