Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD23013AG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD23013AG
Description  1.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD23013AG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD23013AG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD23013AG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD23013AG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121749
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD23013A (Common Cathode)
LD23013B (Common Anode)
5, 8, 17& 20 NO PIN
5, 8, 17& 20 NO PI N
Selection Guide
Single Digit 16 Segment LED Display, Digit Height:25.40mm(1.00 inch), External Dimensions:
23.00x33.00x9.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
IV@IF=20mA
One Seg
One Seg A D G or DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD23013AR
LD23013BR
GaAlAs
Super Red
640
12
15
8
10
LD23013AD
LD23013BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD23013AO
LD23013BO
GaAsP
Orange
625
10.5
13.5
7
9
LD23013AY
LD23013BY
GaAsP
Yellow
588
12
15
8
10
LD23013AG
LD23013BG
GaP
Green
568
10.5
13.5
7
9
LD23013AUR
LD23013BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD23013AUO
LD23013BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD23013AUA
LD23013BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD23013AUY
LD23013BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD23013AUG
LD23013BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD23013APG
LD23013BPG
InGaN
Pure Green
525
180
450
120
300
LD23013AUB
LD23013BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD23013AUW
LD23013BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD23013AG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011ABRG LIGHTKEY-LD23011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD23011AD LIGHTKEY-LD23011AD Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011AG LIGHTKEY-LD23011AG Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011AO LIGHTKEY-LD23011AO Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD23013AG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com