Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3041VMT1 Datasheet(PDF) 10 Page - CT Micro International Corporation

Part # CT3041VMT1
Description  250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3041VMT1 Datasheet(HTML) 10 Page - CT Micro International Corporation

Back Button CT3041VMT1 Datasheet HTML 4Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 5Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 6Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 7Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 8Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 9Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 10Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 11Page - CT Micro International Corporation CT3041VMT1 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 10
Jul, 2014
CT3031, CT3032, CT3033
CT3041, CT3042, CT3043
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Carrier Tape Specifications Dimensions in mm unless otherwise stated
Option S(T1) & SL(T1)
Option S(T2) & SL(T2)


Similar Part No. - CT3041VMT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3041 CTMICRO-CT3041 Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
CT3041G CTMICRO-CT3041G Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
CT3041M CTMICRO-CT3041M Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
CT3041MG CTMICRO-CT3041MG Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
CT3041MTA CTMICRO-CT3041MTA Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
More results

Similar Description - CT3041VMT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
   250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3010 CTMICRO-CT3010 Datasheet
811Kb / 12P
   250V/400V Random Phase 6-Pin Phototriac Optocoupler
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CTM3031 CTMICRO-CTM3031 Datasheet
923Kb / 10P
   250V/400V Zero Cross MFP-4L Phototriac Optocouple
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3010-5L CTMICRO-CT3010-5L Datasheet
746Kb / 8P
   250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CTM3083 CTMICRO-CTM3083 Datasheet
988Kb / 10P
   Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
CTM3010 CTMICRO-CTM3010 Datasheet
761Kb / 10P
   250V/400V Random Phase MFP-4L Phototriac Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com