Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD10016APG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD10016APG
Description  1.00 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10016APG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD10016APG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10016APG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10016APG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121735
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 7 Segment LED Display
LD10016A/B Series - 1.00 inch Single Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
25.40 mm (1.00 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
2.54*4=10.16
30.48
14.00
2.50
PIN 1
24.00
D
E
DP
C
G
F
B
A
10.0
0.51
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD10016APG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CG LIGHTKEY-LD10016CG Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CO LIGHTKEY-LD10016CO Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CPG LIGHTKEY-LD10016CPG Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CR LIGHTKEY-LD10016CR Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD10016APG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com