Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD8033BO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8033BO
Description  0.80 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8033BO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8033BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8033BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8033BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121730
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD8033A (Common Cathode)
LD8033B (Common Anode)
Selection Guide
Three Digit 7 Segment LED Display, Digit Height:20.40mm(0.80 inch), External Dimensions:
53.80x25.75x8.50mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8033AR
LD8033BR
GaAlAs
Super Red
640
8
10
8
10
LD8033AD
LD8033BD
GaAlAs
Hi-Red
640
18
25
18
25
LD8033AO
LD8033BO
GaAsP
Orange
625
7
9
7
9
LD8033AY
LD8033BY
GaAsP
Yellow
588
8
10
8
10
LD8033AG
LD8033BG
GaP
Green
568
7
9
7
9
LD8033AUR
LD8033BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8033AUO
LD8033BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8033AUA
LD8033BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8033AUY
LD8033BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8033AUG
LD8033BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8033APG
LD8033BPG
InGaN
Pure Green
525
120
300
120
300
LD8033AUB
LD8033BUB
InGaN
Ultra Blue
470
30
45
30
45
LD8033AUW
LD8033BUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD8033BO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AD LIGHTKEY-LD8031AD Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AG LIGHTKEY-LD8031AG Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
logo
Intel Corporation
LD8031AH INTEL-LD8031AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
logo
LightKey Optoelectronic...
LD8031AO LIGHTKEY-LD8031AO Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD8033BO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com