Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD8013BG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8013BG
Description  0.80 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8013BG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8013BG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8013BG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8013BG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121725
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD8013A (Common Cathode)
A2
1
A1
10
9
D1
D2
13
16
BC
18
3
15
5
4
8
G1
G2
H
F
E
11
7
6
14
17
2
N
M
L
K
JD
12
P
LD8013B (Common Anode)
A2
1
A1
18
16
13
9
10
C
BD2
D1
84
5
15
3
EF
H
G2
G1
7
217
14
6
JK
L
M
N
12
DP
11
Selection Guide
Single Digit 7 Segment LED Display, Digit Height:20.32mm(0.80 inch), External Dimensions:
20.00x27.70x8.50mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8013AR
LD8013BR
GaAlAs
Super Red
640
8
10
8
10
LD8013AD
LD8013BD
GaAlAs
Hi-Red
640
18
25
18
25
LD8013AO
LD8013BO
GaAsP
Orange
625
7
9
7
9
LD8013AY
LD8013BY
GaAsP
Yellow
588
8
10
8
10
LD8013AG
LD8013BG
GaP
Green
568
7
9
7
9
LD8013AUR
LD8013BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8013AUO
LD8013BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8013AUA
LD8013BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8013AUY
LD8013BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8013AUG
LD8013BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8013APG
LD8013BPG
InGaN
Pure Green
525
120
300
120
300
LD8013AUB
LD8013BUB
InGaN
Ultra Blue
470
30
45
30
45
LD8013AUW
LD8013BUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD8013BG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013CG LIGHTKEY-LD8013CG Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013CO LIGHTKEY-LD8013CO Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013CPG LIGHTKEY-LD8013CPG Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013CR LIGHTKEY-LD8013CR Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD8013BG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com