Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3023 Datasheet(PDF) 7 Page - CT Micro International Corporation

Part # CT3023
Description  250V/400V Random Phase 6-Pin Phototriac Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3023 Datasheet(HTML) 7 Page - CT Micro International Corporation

Back Button CT3023 Datasheet HTML 3Page - CT Micro International Corporation CT3023 Datasheet HTML 4Page - CT Micro International Corporation CT3023 Datasheet HTML 5Page - CT Micro International Corporation CT3023 Datasheet HTML 6Page - CT Micro International Corporation CT3023 Datasheet HTML 7Page - CT Micro International Corporation CT3023 Datasheet HTML 8Page - CT Micro International Corporation CT3023 Datasheet HTML 9Page - CT Micro International Corporation CT3023 Datasheet HTML 10Page - CT Micro International Corporation CT3023 Datasheet HTML 11Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 7
Jul, 2014
CT3010, CT3011, CT3012
CT3020, CT3021, CT3022, CT3023
250V/400V Random Phase 6-Pin Phototriac Optocoupler
Surface Mount Forming (S Type)
Surface Mount Forming (Low Profile) (SL Type)


Similar Part No. - CT3023

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3023-5L CTMICRO-CT3023-5L Datasheet
746Kb / 8P
   250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3023-5L-G CTMICRO-CT3023-5L-G Datasheet
746Kb / 8P
   250V/400V Random Phase 5-Pin Phototriac Optocoupler
More results

Similar Description - CT3023

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3010-5L CTMICRO-CT3010-5L Datasheet
746Kb / 8P
   250V/400V Random Phase 5-Pin Phototriac Optocoupler
CTM3010 CTMICRO-CTM3010 Datasheet
761Kb / 10P
   250V/400V Random Phase MFP-4L Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
CT3051 CTMICRO-CT3051 Datasheet
809Kb / 12P
   600V Random Phase 6-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
   250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3051-5L CTMICRO-CT3051-5L Datasheet
743Kb / 8P
   600V Random Phase 5-Pin Phototriac Optocoupler
CTM3051 CTMICRO-CTM3051 Datasheet
957Kb / 10P
   600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com