Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73103-11 Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SKY73103-11
Description  1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73103-11 Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SKY73103-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 14Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 15Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 16Page - Skyworks Solutions Inc. SKY73103-11_09 Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DATA SHEET • SKY73103-11 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200649D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 30, 2009
13
Table 11. SKY73103-11 Electrical Characteristics (Note 1) (Note 2)
(VCC = 5 V, TC = 25 °C, cp_output = 1000 A, FREF = 52 MHz, ref_bw_sel = 50 MHz, rdiv = 8, prescale_sel = 8/9, Unless Otherwise Noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Oscillation frequency
1460
1665
MHz
Reference frequency
FREF
13
52
MHz
Phase detector frequency
6.5
MHz
PLL loop bandwidth
25
kHz
Output level
–12.0
–10.8
–8.0
dBm
Output impedance
50
Output VSWR
2:1
Reference frequency (FREF) input impedance
470
Harmonic suppression:
2nd harmonic
3rd harmonic
–38
–61
–33
–52
dBc
dBc
Integrated RMS phase noise
100 Hz to 100 kHz
1
degrees RMS
Single sideband phase noise offset:
@ 10 kHz
@ 200 kHz
@ 400 kHz
@ 600 kHz
@ 800 kHz
@ 1000 kHz
@ 1.8 MHz
@6 MHz
–86
–126
–137
–141
–143
–148
–150
–156
–82
–120
–129
–134
–138
–142
–145
–153
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
PLL-reference spurious suppression
–100
dBc
Frequency settling time
Within 2 kHz
215
375
s
Phase settling time
Within 5 deg
230
450
s
Peak phase error
2
5
degrees
Switch isolation
48
52
dB
Current consumption
114
135
mA
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Note 2: Characterized performance may change if the SKY73103-11 is configured differently than the test conditions specified here. This characterization used a 6.5 MHz fixed comparison
frequency for the PLL phase loop filter. The PLL synthesizer is programmable up to a maximum comparison frequency of 26 MHz but with degraded performance.


Similar Part No. - SKY73103-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73103-11 SKYWORKS-SKY73103-11 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73103-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com