Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3150VS Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # CT3150VS
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3150VS Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CT3150VS Datasheet HTML 7Page - CT Micro International Corporation CT3150VS Datasheet HTML 8Page - CT Micro International Corporation CT3150VS Datasheet HTML 9Page - CT Micro International Corporation CT3150VS Datasheet HTML 10Page - CT Micro International Corporation CT3150VS Datasheet HTML 11Page - CT Micro International Corporation CT3150VS Datasheet HTML 12Page - CT Micro International Corporation CT3150VS Datasheet HTML 13Page - CT Micro International Corporation CT3150VS Datasheet HTML 14Page - CT Micro International Corporation CT3150VS Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 11
Jun, 2015
CT3150
1.0A MOSFET/IGBT Gate Driver Optocoupler
Recommended Solder Mask Dimensions in mm unless otherwise stated
Device Marking
CT
: Denotes “CT Micro”
3150
: Product Number
V
: VDE Option
Y
: Fiscal Year
WW
: Work Week
K
: Production Code
CT
3150
VYWWK


Similar Part No. - CT3150VS

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120M CTMICRO-CT3120M Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT1 CTMICRO-CT3120MT1 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT2 CTMICRO-CT3120MT2 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120S CTMICRO-CT3120S Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - CT3150VS

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS314 CTMICRO-CTS314 Datasheet
1Mb / 14P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
Rev.3 Nov, 2022
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS701 CTMICRO-CTS701 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com