Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3082S-5L-G Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CT3082S-5L-G
Description  600V/800V Zero Cross 5-Pin Phototriac Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3082S-5L-G Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CT3082S-5L-G Datasheet HTML 2Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 3Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 4Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 5Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 6Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 7Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 8Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 9Page - CT Micro International Corporation CT3082S-5L-G Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 8
May, 2016
CT3061-5L, CT3062-5L, CT3063-5L
CT3081-5L, CT3082-5L, CT3083-5L
600V/800V Zero Cross 5-Pin Phototriac Optocoupler
Ordering Information
CT306X(Y)-5L-G, CT308X(Y)-5L-G
X = Part No.(X=1,2,3)
Y = Lead form option (S, M or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 5 Pin Dip
50Units/Tube
M
Gullwing (400mil) Lead Forming
50Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
Carrier Tape Specifications Dimensions in mm unless otherwise stated
Option S(T1)
Option S(T2)


Similar Part No. - CT3082S-5L-G

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3082S-G CTMICRO-CT3082S-G Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results

Similar Description - CT3082S-5L-G

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
   250V/400V Zero Cross 5-Pin Phototriac Optocoupler
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
CTM3083 CTMICRO-CTM3083 Datasheet
988Kb / 10P
   Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
CT3051-5L CTMICRO-CT3051-5L Datasheet
743Kb / 8P
   600V Random Phase 5-Pin Phototriac Optocoupler
logo
Sharp Corporation
PC4SD21NTZ SHARP-PC4SD21NTZ Datasheet
330Kb / 16P
   VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
logo
CT Micro International ...
CT3051 CTMICRO-CT3051 Datasheet
809Kb / 12P
   600V Random Phase 6-Pin Phototriac Optocoupler
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com