Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3081G Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CT3081G
Description  6Pin Zero Cross TRIAC Driver Coupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3081G Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CT3081G Datasheet HTML 3Page - CT Micro International Corporation CT3081G Datasheet HTML 4Page - CT Micro International Corporation CT3081G Datasheet HTML 5Page - CT Micro International Corporation CT3081G Datasheet HTML 6Page - CT Micro International Corporation CT3081G Datasheet HTML 7Page - CT Micro International Corporation CT3081G Datasheet HTML 8Page - CT Micro International Corporation CT3081G Datasheet HTML 9Page - CT Micro International Corporation CT3081G Datasheet HTML 10Page - CT Micro International Corporation CT3081G Datasheet HTML 11Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 8
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Recommended Solder Mask Dimensions in mm unless otherwise stated
Marking Information
Note:
CT
: Logo
3031
: Part Number
Y
: Fiscal Year
WW
: Work Week
D
: Manufacturing Code
CT
3031
YWWD


Similar Part No. - CT3081G

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3081 CTMICRO-CT3081 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3081-5L CTMICRO-CT3081-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3081-5L-G CTMICRO-CT3081-5L-G Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3081-G CTMICRO-CT3081-G Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3081M CTMICRO-CT3081M Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results

Similar Description - CT3081G

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com