Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH628A-3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH628A-3
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH628A-3 Datasheet HTML 1Page - Vishay Siliconix SFH628A-3 Datasheet HTML 2Page - Vishay Siliconix SFH628A-3 Datasheet HTML 3Page - Vishay Siliconix SFH628A-3 Datasheet HTML 4Page - Vishay Siliconix SFH628A-3 Datasheet HTML 5Page - Vishay Siliconix SFH628A-3 Datasheet HTML 6Page - Vishay Siliconix SFH628A-3 Datasheet HTML 7Page - Vishay Siliconix SFH628A-3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
SFH628A / SFH6286
Document Number 83722
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
5
Fig. 9 Permissible Forward Current Diode
Fig. 10 Permissible Power Dissipation
Fig. 11 Switching times (typ.)
isfh618a_07
IF =f(TA)
isfh618a_08
Ptot =f(TA)
isfh618a_09
TA = 25°C, IF = 1.0 mA,
VCC = 5.0 V, tON,tR,
tOFF,tF,=f(RL)


Similar Part No. - SFH628A-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH628A-3 VISHAY-SFH628A-3 Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Infineon Technologies A...
SFH628A-3 INFINEON-SFH628A-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
ISOCOM COMPONENTS
SFH628A-3 ISOCOM-SFH628A-3 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH628A-3 VISHAY-SFH628A-3 Datasheet
189Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.0, 11-Jul-13
SFH628A-3 VISHAY-SFH628A-3 Datasheet
177Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.1, 28-Feb-14
More results

Similar Description - SFH628A-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6286-3T VISHAY-SFH6286-3T Datasheet
189Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.0, 11-Jul-13
SFH628A VISHAY-SFH628A_V02 Datasheet
175Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
01-Jan-2023
SFH628A VISHAY-SFH628A Datasheet
177Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 2.1, 28-Feb-14
SFH6286-2T VISHAY-SFH6286-2T Datasheet
225Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
Rev. 1.9, 24-Mar-11
SFH6286 VISHAY-SFH6286_V01 Datasheet
174Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current
01-Jan-2022
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com