Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH628A-2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH628A-2
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-2 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH628A-2 Datasheet HTML 1Page - Vishay Siliconix SFH628A-2 Datasheet HTML 2Page - Vishay Siliconix SFH628A-2 Datasheet HTML 3Page - Vishay Siliconix SFH628A-2 Datasheet HTML 4Page - Vishay Siliconix SFH628A-2 Datasheet HTML 5Page - Vishay Siliconix SFH628A-2 Datasheet HTML 6Page - Vishay Siliconix SFH628A-2 Datasheet HTML 7Page - Vishay Siliconix SFH628A-2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
SFH628A / SFH6286
Document Number 83722
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
5
Fig. 9 Permissible Forward Current Diode
Fig. 10 Permissible Power Dissipation
Fig. 11 Switching times (typ.)
isfh618a_07
IF =f(TA)
isfh618a_08
Ptot =f(TA)
isfh618a_09
TA = 25°C, IF = 1.0 mA,
VCC = 5.0 V, tON,tR,
tOFF,tF,=f(RL)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn