Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH628A-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SFH628A-2
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH628A-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH628A-2 Datasheet HTML 1Page - Vishay Siliconix SFH628A-2 Datasheet HTML 2Page - Vishay Siliconix SFH628A-2 Datasheet HTML 3Page - Vishay Siliconix SFH628A-2 Datasheet HTML 4Page - Vishay Siliconix SFH628A-2 Datasheet HTML 5Page - Vishay Siliconix SFH628A-2 Datasheet HTML 6Page - Vishay Siliconix SFH628A-2 Datasheet HTML 7Page - Vishay Siliconix SFH628A-2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83722
Rev. 1.4, 26-Apr-04
VISHAY
SFH628A / SFH6286
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
55
V
Emitter-collector voltage
VEC
7.0
V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage between
emitter and detector, refer to
Climate DIN 40046, part2,
Nov.74
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance
≥ 7.0
mm
Insulation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDEO 303, part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storage temperature range
Tstg
- 55 to +150
°C
Ambient temperature range
Tamb
- 55 to +100
°C
Junction temperature
Tj
100
°C
Soldering temperature
max. 10 s. Dip Soldering
distance to seating plane
≥ 1.5 mm
Tsld
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5.0 mA
VF
1.1
1.5
V
Capacitance
VR = 0 V, f = 1.0 MHz
CO
45
pF
Thermal resistance
Rthja
1070
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter leakage
current
VCE = 10 V
ICEO
10
200
nA
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
7pF
Thermal resistance
Rthja
500
K/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn