Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3063M Datasheet(PDF) 9 Page - CT Micro International Corporation

Part # CT3063M
Description  6Pin Zero Cross TRIAC Driver Coupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3063M Datasheet(HTML) 9 Page - CT Micro International Corporation

Back Button CT3063M Datasheet HTML 3Page - CT Micro International Corporation CT3063M Datasheet HTML 4Page - CT Micro International Corporation CT3063M Datasheet HTML 5Page - CT Micro International Corporation CT3063M Datasheet HTML 6Page - CT Micro International Corporation CT3063M Datasheet HTML 7Page - CT Micro International Corporation CT3063M Datasheet HTML 8Page - CT Micro International Corporation CT3063M Datasheet HTML 9Page - CT Micro International Corporation CT3063M Datasheet HTML 10Page - CT Micro International Corporation CT3063M Datasheet HTML 11Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 9
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Ordering Information
CT303X(Y)(Z)-G, CT304X(Y)(Z)-G, CT306X(Y)(Z)-G, CT308X(Y)(Z)-G
X = (1,2,3)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (TA, TB or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 6 Pin Dip
50Units/Tube
M
Wide Lead Forming
50Units/Tube
S(TA)
Surface Mount Lead Forming
– With Option A Taping
1000 Units/Reel
S(TB)
Surface Mount Lead Forming
– With Option B Taping
1000 Units/Reel
SL(TA)
Surface Mount Lead Forming(Low Profile)
– With Option A Taping
1000 Units/Reel
SL(TB)
Surface Mount Lead Forming(Low Profile)
– With Option B Taping
1000 Units/Reel


Similar Part No. - CT3063M

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3063M CTMICRO-CT3063M Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3063M-5L CTMICRO-CT3063M-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3063M-5L-G CTMICRO-CT3063M-5L-G Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3063M-G CTMICRO-CT3063M-G Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3063MT1 CTMICRO-CT3063MT1 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results

Similar Description - CT3063M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com