Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT3062S Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT3062S
Description  6Pin Zero Cross TRIAC Driver Coupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3062S Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT3062S Datasheet HTML 1Page - CT Micro International Corporation CT3062S Datasheet HTML 2Page - CT Micro International Corporation CT3062S Datasheet HTML 3Page - CT Micro International Corporation CT3062S Datasheet HTML 4Page - CT Micro International Corporation CT3062S Datasheet HTML 5Page - CT Micro International Corporation CT3062S Datasheet HTML 6Page - CT Micro International Corporation CT3062S Datasheet HTML 7Page - CT Micro International Corporation CT3062S Datasheet HTML 8Page - CT Micro International Corporation CT3062S Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.2
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IDRM1
Peak Blocking
Current
CT303X,
CT304X
IF= 0mA, VDRM= Rated VDRM
-
-
100
nA
CT306X,
CT308X
-
-
500
IDRM2
Inhibit Leakage Current
IF= Rated IFT, VDRM= Rated
VDRM
500
µA
VTM
Peak On-State Voltage
IF= Rated IFT, ITM= 100mA
-
-
3
V
dv/dt
Critical Rate of Rise
off-State Voltage
CT303X,
CT304X,
CT306X
VPEAK= Rated VDRM
1000
-
-
V/µs
CT308X
VPEAK = 400V
600
-
-
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IFT
Input
Trigger
Current
CT3031, CT3041,
Ct3061, CT3081
Terminal Voltage = 3V
-
-
15
V
CT3032, CT3042,
CT3062, CT3082
-
-
10
CT3033, CT3043,
CT3063, CT3083
-
-
5
IH
Holding Current
-
270
-
µA
RIO
Isolation Resistance
VIO= 500VDC
1x1011
CIO
Isolation Capacitance
f= 1Mhz
0.25
pF


Similar Part No. - CT3062S

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3062S CTMICRO-CT3062S Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3062S-5L CTMICRO-CT3062S-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3062S-5L-G CTMICRO-CT3062S-5L-G Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3062S-G CTMICRO-CT3062S-G Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3062SL CTMICRO-CT3062SL Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results

Similar Description - CT3062S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com