Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC409AJP Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC409AJP
Description  Very Wideband, Low Distortion Monolithic Op Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC409AJP Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC409AJP Datasheet HTML 1Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 2Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 3Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 4Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 5Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 6Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 7Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 8Page - National Semiconductor (TI) CLC409AJP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
±7V
I
OUT
Output is short circuit protected to
ground, but maximum reliability will
be maintained if I
OUT does not
exceed...
60mA
Common Mode Input Voltage
±V
CC
Differential Input Voltage
10V
Junction Temperature
+150˚C
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
ESD rating (human body model)
1000V
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
MDIP
95˚C/W
115˚C/W
SOIC
75˚C/W
160˚C/W
SOT23-5
115˚C/W
185˚C/W
Electrical Characteristics
A
V = +2, VCC = ± 5V, RL = 100
Ω,R
f = 250
Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min
(Note 2)
Units
Ambient Temperature
CLC409AJ
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Performance
SSBW
-3dB Bandwidth
V
OUT <2VPP
350
>250
>250
>200
MHz
LSBW
V
OUT <5VPP
110
>90
>90
>80
MHz
Gain Flatness
V
OUT < 0.5VPP
GFPL
Peaking
DC to 75MHz
0
<0.4
<0.4
<0.4
dB
GFPH
Peaking
>75MHz
0
<0.8
<0.8
<0.8
dB
GFR1
Rolloff
DC to 125MHz
0.2
<1.0
<1.0
<1.0
dB
GFR2
Rolloff
@ 200MHz
1.0
<2.0
<2.2
<3.0
dB
LPD
Linear Phase Deviation
DC to 100MHz
0.3
<0.8
<0.8
<1.0
deg
DG1
Differential Gain
R
L =150
Ω, 3.58MHz
0.03
<0.07
<0.06
<0.06
%
DG2
R
L =150
Ω, 4.43MHz
0.03
<0.07
<0.06
<0.06
%
DP1
Differential Phase
R
L = 150
Ω, 3.58MHz
0.01
<0.02
<0.02
<0.02
deg
DP2
R
L =150
Ω, 4.43MHz
0.01
<0.02
<0.02
<0.02
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
1.3
<1.6
<1.6
<1.6
ns
TRL
5V Step
3.5
<4.2
<4.2
<4.6
ns
TS
Settling Time to ±0.1%
2V Step
8
<12
<12
<12
ns
OS
Overshoot
2V Step
5
<15
<18
<18
%
SR
Slew Rate
1200
>1000
>1000
>1000
V/µs
Distortion And Noise Response
HD2L
2nd Harmonic Distortion
2V
PP, 5MHz
−86
<−78
<−81
<−81
dBc
HD2
2V
PP, 20MHz
−65
<−56
<−56
<−56
dBc
HD2H
2V
PP, 60MHz
−49
<−41
<−44
<−44
dBc
HD3L
3rd Harmonic Distortion
2V
PP, 5MHz
−84
<−76
<−76
<−76
dBc
HD3
2V
PP, 20MHz
−72
<−65
<−65
<−65
dBc
HD3H
2V
PP, 60MHz
−59
<−52
<−52
<−52
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1MHz
2.2
<2.8
<2.8
<3.1
nV/
ICN
Inverting Current
>1MHz
14.3
<18
<18
<20
pA/
NCN
Non-Inverting Current
>1MHz
3.2
<4.0
<4.0
<4.5
pA/
SNF
Total Noise Floor
>1MHz
−157
<−155
<−155
<−154
dBm
1Hz
INV
Total Integrated Noise
1MHz to 150MHz
38
<47
<47
<52
µV
www.national.com
2


Similar Part No. - CLC409AJP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
[Old version datasheet]   Very Wideband, Low Distortion Monolithic Op Amp
More results

Similar Description - CLC409AJP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
[Old version datasheet]   Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com