Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH6286 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SFH6286
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6286 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6286 Datasheet HTML 1Page - Vishay Siliconix SFH6286 Datasheet HTML 2Page - Vishay Siliconix SFH6286 Datasheet HTML 3Page - Vishay Siliconix SFH6286 Datasheet HTML 4Page - Vishay Siliconix SFH6286 Datasheet HTML 5Page - Vishay Siliconix SFH6286 Datasheet HTML 6Page - Vishay Siliconix SFH6286 Datasheet HTML 7Page - Vishay Siliconix SFH6286 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83722
Rev. 1.4, 26-Apr-04
VISHAY
SFH628A / SFH6286
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 3 Current Transfer Ratio (typ.)
Fig. 4 Current Transfer Ratio (typ.)
Fig. 5 Diode Forward Voltage (typ.)
isfh618a_01
VCE = 0.5 V, CTR =f(TA)
isfh618a_01
VCE = 0.5 V, CTR =f(TA)
isfh618a_02
isfh618a_03
TA = 25°C, VF =f(IF)
Fig. 6 Diode Forward Voltage (typ.)
Fig. 7 Transistor Capacitance
Fig. 8 Output Characteristics
isfh618a_04
IF = 1.0 mA, VF =f(TA)
isfh618a_05
TA = 25°C, f = 1.0 MHz,
CEE =f(VCE)
TA = 25°C,
CE =f
(VCE,IF)
isfh618a_06


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn