Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5532 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RC5532
Description  High Performance Dual Low Noise Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5532 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RC5532 Datasheet HTML 1Page - Fairchild Semiconductor RC5532 Datasheet HTML 2Page - Fairchild Semiconductor RC5532 Datasheet HTML 3Page - Fairchild Semiconductor RC5532 Datasheet HTML 4Page - Fairchild Semiconductor RC5532 Datasheet HTML 5Page - Fairchild Semiconductor RC5532 Datasheet HTML 6Page - Fairchild Semiconductor RC5532 Datasheet HTML 7Page - Fairchild Semiconductor RC5532 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RC5532/RC5532A
PRODUCT SPECIFICATION
2
REV. 1.1.3 6/14/01
Pin Assignments
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied.
2. For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
3. Short circuit to ground on one amplifier only.
Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Supply Voltage
±22
V
Input Voltage
±VS
V
Differential Input Voltage
0.5
V
PDTA < 50°C
PDIP
468
mW
Junction Temperature
PDIP
125
°C
Storage Temperature
-65
150
°C
Operating Temperature
RC5532/A
0
70
°C
Lead Soldering Temperature (10 sec)
300
°C
Parameter
Min.
Typ.
Max.
Units
θJA
Thermal resistance
PDIP
160
°C/W
For TA > 50°C Derate at
PDIP
6.25
mW/°C
Output (A)
–Input (A)
+Input (A)
–VS
+VS
Output (B)
–Input (B)
+Input (B)
1
2
3
4
8
7
6
5
8 PIN PDIP


Similar Part No. - RC5532

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5532AD FAIRCHILD-RC5532AD Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532D FAIRCHILD-RC5532D Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532N FAIRCHILD-RC5532N Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
More results

Similar Description - RC5532

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com