Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA132P1 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA132P1
Description  High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA132P1 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA132P1 Datasheet HTML 3Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 4Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 5Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 6Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 7Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 8Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 9Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 10Page - Burr-Brown (TI) OPA132P1 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
OPA132, 2132, 4132
7
SBOS054A
www.ti.com
APPLICATIONS INFORMATION
OPA132 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic capaci-
tors or larger.
OPA132 op amps are free from unexpected output phase-
reversal common with FET op amps. Many FET-input op
amps exhibit phase-reversal of the output when the input
common-mode voltage range is exceeded. This can occur in
voltage-follower circuits, causing serious problems in
control loop applications. OPA132 series op amps are free
from this undesirable behavior. All circuitry is completely
independent in dual and quad versions, assuring normal
behavior when one amplifier in a package is overdriven or
short-circuited.
OPERATING VOLTAGE
OPA132 series op amps operate with power supplies from
±2.5V to ±18V with excellent performance. Although
specifications are production tested with
±15V supplies,
most behavior remains unchanged throughout the full
operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the typical
performance curves.
OFFSET VOLTAGE TRIM
Offset voltage of OPA132 series amplifiers is laser trimmed
and usually requires no user adjustment. The OPA132
(single op amp version) provides offset voltage trim con-
nections on pins 1 and 8. Offset voltage can be adjusted by
connecting a potentiometer as shown in Figure 1. This
adjustment should be used only to null the offset of the op
amp, not to adjust system offset or offset produced by the
signal source. Nulling offset could degrade the offset
voltage drift behavior of the op amp. While it is not
possible to predict the exact change in drift, the effect is
usually small.
FIGURE 1. OPA132 Offset Voltage Trim Circuit.
INPUT BIAS CURRENT
The FET-inputs of the OPA132 series provide very low
input bias current and cause negligible errors in most appli-
cations. For applications where low input bias current is
crucial, junction temperature rise should be minimized. The
input bias current of FET-input op amps increases with
temperature as shown in the typical performance curve
“Input Bias Current vs Temperature.”
The OPA132 series may be operated at reduced power
supply voltage to minimize power dissipation and tempera-
ture rise. Using
±3V supplies reduces power dissipation to
one-fifth that at
±15V.
The dual and quad versions have higher total power dissipa-
tion than the single, leading to higher junction temperature.
Thus, a warmed-up quad will have higher input bias current
than a warmed-up single. Furthermore, an SOIC will gener-
ally have higher junction temperature than a DIP at the same
ambient temperature because of a larger
θ
JA. Refer to the
specifications table.
Circuit board layout can also help minimize junction tem-
perature rise. Temperature rise can be minimized by solder-
ing the devices to the circuit board rather than using a socket.
Wide copper traces will also help dissipate the heat by acting
as an additional heat sink.
Input stage cascode circuitry assures that the input bias
current remains virtually unchanged throughout the full
input common-mode range of the OPA132 series. See the
typical performance curve “Input Bias Current vs Common-
Mode Voltage.”
V+
V–
100k
OPA132 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±4mV typ
OPA132
6
7
8
4
3
2
1
10nF
10nF


Similar Part No. - OPA132P1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132P1 BURR-BROWN-OPA132P1 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA132P1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com