Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL3770ANS Datasheet(PDF) 1 Page - Ericsson

Part # PBL3770ANS
Description  High Performance Stepper Motor Drive Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3770ANS Datasheet(HTML) 1 Page - Ericsson

  PBL3770ANS Datasheet HTML 1Page - Ericsson PBL3770ANS Datasheet HTML 2Page - Ericsson PBL3770ANS Datasheet HTML 3Page - Ericsson PBL3770ANS Datasheet HTML 4Page - Ericsson PBL3770ANS Datasheet HTML 5Page - Ericsson PBL3770ANS Datasheet HTML 6Page - Ericsson PBL3770ANS Datasheet HTML 7Page - Ericsson PBL3770ANS Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 1999
Figure 1. Block diagram.
PBL 3770A
High Performance
Stepper Motor Drive Circuit
16-pin plastic batwing DIP
28-pin plastic PLCC package
20-pin SO
Description
PBL 3770A is a bipolar monolithic circuit intended to control and drive the current in
one winding of a stepper motor. It is a high power version of PBL 3717 and special
care has been taken to optimize the power handling capability without suffering in
reliability.
The circuit consists of a LS-TTL compatible logic input stage, a current sensor, a
monostable multivibrator and a high power H-bridge output stage. The circuit is
pin-compatible with the PBL 3717 industry-standard driver.
Two PBL 3770A and a small number of external components form a complete
control and drive unit for LS-TTL or microprocessor-controlled stepper motor
systems.
Key Features
Half-step and full-step operation.
Switched mode bipolar constant
current drive
Wide range of current control
5 -1800 mA.
Wide voltage range 10 - 45 V.
Designed for unstabilized motor
supply voltage.
Current levels can be selected in
steps or varied continuously.
Thermal overload protection.
1
GND
V
CC
M A
M
B
Phase
I
1
I0
V
R
&
&
&
&
+
+
+
Monostable
t
= 0.69 • R • C
Current Sensor
Output Stage
off
T
T
Schmitt
Trigger
Time
Delay
C
T
E
PBL 3770A
1
≥1
≥1
≥1
VMM
VMM
≥1


Similar Part No. - PBL3770ANS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3771 ERICSSON-PBL3771 Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771-1 ERICSSON-PBL3771-1 Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1NS ERICSSON-PBL3771/1NS Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1QNS ERICSSON-PBL3771/1QNS Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
PBL3771/1QNT ERICSSON-PBL3771/1QNT Datasheet
154Kb / 8P
   Precision Stepper Motor Driver
More results

Similar Description - PBL3770ANS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
UC3770A TI1-UC3770A_13 Datasheet
101Kb / 6P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com