Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F-2M Datasheet(PDF) 13 Page - CT Micro International Corporation

Part No. CNY17F-2M
Description  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTMICRO [CT Micro International Corporation]
Homepage  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CNY17F-2M Datasheet(HTML) 13 Page - CT Micro International Corporation

Back Button CNY17F-2M Datasheet HTML 6Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 7Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 8Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 9Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 10Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 11Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 12Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 13Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 14Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 13
Feb, 2014
CNY17-1, CNY17-2, CNY17-3, CNY17-4
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
DC Input 6-Pin Phototransistor Optocoupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn