Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F-2M Datasheet(PDF) 1 Page - CT Micro International Corporation

Part No. CNY17F-2M
Description  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTMICRO [CT Micro International Corporation]
Homepage  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CNY17F-2M Datasheet(HTML) 1 Page - CT Micro International Corporation

  CNY17F-2M Datasheet HTML 1Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 2Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 3Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 4Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 5Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 6Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 7Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 8Page - CT Micro International Corporation CNY17F-2M Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Feb, 2014
CNY17-1, CNY17-2, CNY17-3, CNY17-4
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
DC Input 6-Pin Phototransistor Optocoupler
Package Outline
Schematic
Note: CNY17F without Base Connection
Note: Different lead forming options available. See package
dimension.
Features
High isolation 5000 VRMS
CTR flexibility available see order information
DC input with transistor output
Operating temperature range - 55 °C to 110 °C
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
Switch mode power supplies
Computer peripheral interface
Microprocessor system interface
Description
The CNY17 and CNY17F series consists of a photo
transistor optically coupled to a gallium arsenide
Infrared-emitting diode in a 6-lead DIP package with
different lead forming options.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn