Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1118T2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CT1118T2
Description  DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT1118T2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CT1118T2 Datasheet HTML 1Page - CT Micro International Corporation CT1118T2 Datasheet HTML 2Page - CT Micro International Corporation CT1118T2 Datasheet HTML 3Page - CT Micro International Corporation CT1118T2 Datasheet HTML 4Page - CT Micro International Corporation CT1118T2 Datasheet HTML 5Page - CT Micro International Corporation CT1118T2 Datasheet HTML 6Page - CT Micro International Corporation CT1118T2 Datasheet HTML 7Page - CT Micro International Corporation CT1118T2 Datasheet HTML 8Page - CT Micro International Corporation CT1118T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 4
Aug, 2014
CT1110, CT1111, CT1112, CT1113, CT1114,
CT1115, CT1116, CT1117, CT1118, CT1119
DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer Ratio
CT1110
IF= 5mA, VCE= 5V
50
-
600
%
CT1115
50
-
150
CT1116
100
-
300
CT1117
80
-
160
CT1118
130
-
260
CT1119
200
-
400
CT1111
IF= 10mA, VCE= 5V
60
-
300
CT1112
63
-
125
CT1113
100
-
200
CT1114
160
-
320
CT1112
IF= 1mA, VCE= 5V
22
-
-
CT1113
34
-
-
CT1114
56
-
-
VCE(SAT)
Collector-Emitter Saturation
Voltage
IF= 10mA, IC= 1mA
-
-
0.4
V
RIO
Isolation Resistance
VIO= 500VDC
5x1010
CIO
Isolation Capacitance
f= 1MHz
1
pF
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TON
Turn On Time
IC= 5mA, VCE= 5V, RL= 100
-
5
-
µs
TOFF
Turn Off Time
-
4.2
-
tr
Rise Time
-
2.8
-
tf
Fall Time
-
4.1
-


Similar Part No. - CT1118T2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT1118-W CTMICRO-CT1118-W Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
CT1118L-W CTMICRO-CT1118L-W Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
More results

Similar Description - CT1118T2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT1119-W CTMICRO-CT1119-W Datasheet
1Mb / 12P
   DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
   DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
   DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
   DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
   DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
   DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
   DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
logo
CT Micro International ...
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
   DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com