Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT851ST4 Datasheet(PDF) 10 Page - CT Micro International Corporation

Part # CT851ST4
Description  4-Pin High Power Photodarlington Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT851ST4 Datasheet(HTML) 10 Page - CT Micro International Corporation

Back Button CT851ST4 Datasheet HTML 6Page - CT Micro International Corporation CT851ST4 Datasheet HTML 7Page - CT Micro International Corporation CT851ST4 Datasheet HTML 8Page - CT Micro International Corporation CT851ST4 Datasheet HTML 9Page - CT Micro International Corporation CT851ST4 Datasheet HTML 10Page - CT Micro International Corporation CT851ST4 Datasheet HTML 11Page - CT Micro International Corporation CT851ST4 Datasheet HTML 12Page - CT Micro International Corporation CT851ST4 Datasheet HTML 13Page - CT Micro International Corporation CT851ST4 Datasheet HTML 14Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 10
Aug, 2013
CT852
4-Pin High Power Photodarlington Optocoupler
Ordering Information
CT852(Y)(Z)-G
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 4 Pin Dip
100 Units/Tube
M
Gullwing (400mil) Lead Forming
100 Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
S(T3)
Surface Mount Lead Forming – With Option 3 Taping
1000 Units/Reel
S(T4)
Surface Mount Lead Forming – With Option 4 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T3)
Surface Mount (Low Profile) Lead Forming– With Option 3 Taping
1000 Units/Reel
SL(T4)
Surface Mount (Low Profile) Lead Forming – With Option 4 Taping
1000 Units/Reel


Similar Part No. - CT851ST4

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT851ST4 CTMICRO-CT851ST4 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
More results

Similar Description - CT851ST4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B815300W FAIRCHILD-H11B815300W Datasheet
481Kb / 9P
   4-Pin Photodarlington Optocoupler
H11B815 FAIRCHILD-H11B815 Datasheet
492Kb / 9P
   4-PIN PHOTODARLINGTON OPTOCOUPLER
FOD815SD FAIRCHILD-FOD815SD Datasheet
517Kb / 9P
   4-Pin High Operating Temperature Photodarlington Optocoupler
FOD815 FAIRCHILD-FOD815 Datasheet
511Kb / 9P
   4-Pin High Operating Temperature Photodarlington Optocoupler
FOD852S FAIRCHILD-FOD852S Datasheet
317Kb / 10P
   4-Pin High Operating Temperature Photodarlington Optocoupler
FOD8523SD FAIRCHILD-FOD8523SD Datasheet
3Mb / 13P
   4-Pin High Operating Temperature Photodarlington Optocoupler
FOD852 FAIRCHILD-FOD852 Datasheet
546Kb / 9P
   4-Pin High Operating Temperature Photodarlington Optocoupler
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
CT Micro International ...
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
   DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
   DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com