Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT350 Datasheet(PDF) 9 Page - CT Micro International Corporation

Part # CT350
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350 Datasheet(HTML) 9 Page - CT Micro International Corporation

Back Button CT350 Datasheet HTML 5Page - CT Micro International Corporation CT350 Datasheet HTML 6Page - CT Micro International Corporation CT350 Datasheet HTML 7Page - CT Micro International Corporation CT350 Datasheet HTML 8Page - CT Micro International Corporation CT350 Datasheet HTML 9Page - CT Micro International Corporation CT350 Datasheet HTML 10Page - CT Micro International Corporation CT350 Datasheet HTML 11Page - CT Micro International Corporation CT350 Datasheet HTML 12Page - CT Micro International Corporation CT350 Datasheet HTML 13Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 9
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Package Dimension Dimensions in mm unless otherwise stated
Standard DIP – Through Hole
Gullwing (400mil) Lead Forming – Through Hole


Similar Part No. - CT350

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT354AT1 CTMICRO-CT354AT1 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT354AT2 CTMICRO-CT354AT2 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT354AVT1 CTMICRO-CT354AVT1 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT354AVT2 CTMICRO-CT354AVT2 Datasheet
1Mb / 10P
   AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results

Similar Description - CT350

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3150 CTMICRO-CT3150 Datasheet
1Mb / 15P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
CTS701 CTMICRO-CTS701 Datasheet
947Kb / 13P
   0.6A MOSFET/IGBT Gate Driver Optocoupler
CTS314 CTMICRO-CTS314 Datasheet
1Mb / 14P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
Rev.3 Nov, 2022
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com